Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1220-08CP Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1220-08CP
Description  4 and 8-Channel ESD Protection Arrays in CSP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1220-08CP Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1220-08CP Datasheet HTML 1Page - California Micro Devices Corp CM1220-08CP Datasheet HTML 2Page - California Micro Devices Corp CM1220-08CP Datasheet HTML 3Page - California Micro Devices Corp CM1220-08CP Datasheet HTML 4Page - California Micro Devices Corp CM1220-08CP Datasheet HTML 5Page - California Micro Devices Corp CM1220-08CP Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
02/03/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1220
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time. Unused pins are left open. These parameters are
guaranteed by design and characterization.
Performance Information
Diode Characteristics (nominal conditions unless specified otherwise)
Figure 1. Typical Diode Capacitance VS. Input Voltage (normalized to 2.5VDC)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CDIODE
Diode (Channel) Capacitance
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
11
14
17
pF
VDIODE
Diode Standoff Voltage
IDIODE = 10μA6.0
V
ILEAK
Diode Leakage Current
VIN = +3.3V
(reverse bias voltage)
0.1
1
μA
VSIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
IDIODE = 10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883, Method 3015
b) Contact Discharge per IEC 61000-4-2
Note 2
±30
±15
kV
kV
RDYN
Dynamic Resistance
Positive
Negative
2.3
0.9
Ω
Ω
DC Voltage


Similar Part No. - CM1220-08CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1220-08CP ONSEMI-CM1220-08CP Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
More results

Similar Description - CM1220-08CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
logo
California Micro Device...
CSPESD301 CALMIRCO-CSPESD301 Datasheet
430Kb / 7P
   1,2 and 3-Channel ESD Arrays in CSP
CM1203 CALMIRCO-CM1203 Datasheet
246Kb / 7P
   1, 2 and 3-Channel ESD Arrays in CSP
CM1436 CALMIRCO-CM1436 Datasheet
1Mb / 13P
   4 and 8 Channel EMI Filter Arrays with ESD Protection
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1406 ONSEMI-CM1406 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1436 ONSEMI-CM1436 Datasheet
768Kb / 16P
   4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1407 CALMIRCO-CM1407 Datasheet
1,018Kb / 12P
   4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1407 ONSEMI-CM1407 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1204 ONSEMI-CM1204 Datasheet
311Kb / 9P
   4-Channel ESD Array in CSP
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com