Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1400-03CS Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CM1400-03CS
Description  6 Channel EMI Filter Array with ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1400-03CS Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CM1400-03CS Datasheet HTML 2Page - California Micro Devices Corp CM1400-03CS Datasheet HTML 3Page - California Micro Devices Corp CM1400-03CS Datasheet HTML 4Page - California Micro Devices Corp CM1400-03CS Datasheet HTML 5Page - California Micro Devices Corp CM1400-03CS Datasheet HTML 6Page - California Micro Devices Corp CM1400-03CS Datasheet HTML 7Page - California Micro Devices Corp CM1400-03CS Datasheet HTML 8Page - California Micro Devices Corp CM1400-03CS Datasheet HTML 9Page - California Micro Devices Corp CM1400-03CS Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
10 490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
10/04/05
CM1400-03
Mechanical Details
CSP Mechanical Specifications
The CM1400-03 is supplied in a custom Chip Scale
Package (CSP). Dimensions are presented below. For
complete information on the CSP, see the California
Micro Devices CSP Package Information document.
Package Dimensions for
CM1400-03 Chip Scale Package
CSP Tape and Reel Specifications
Figure 13. Tape and Reel Mechanical Data
PACKAGE DIMENSIONS
Package
Custom CSP
Bumps
15
Dim
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A1
2.915 2.960 3.005 0.1148 0.1165 0.1183
A2
1.285 1.330 1.375 0.0506 0.0524 0.0541
B1
0.495 0.500 0.505 0.0195 0.0197 0.0199
B2
0.245 0.250 0.255 0.0096 0.0098 0.0100
B3
0.430 0.435 0.440 0.0169 0.0171 0.0173
B4
0.430 0.435 0.440 0.0169 0.0171 0.0173
C1
0.180 0.230 0.280 0.0071 0.0091 0.0110
C2
0.180 0.230 0.280 0.0071 0.0091 0.0110
D1
0.575 0.644 0.714 0.0226 0.0254 0.0281
D2
0.368 0.419 0.470 0.0145 0.0165 0.0185
# per tape and
reel
3500 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
A
B
C
3456
C1
B1
A1
DIMENSIONS IN MILLIMETERS
D1
D2
BOTTOM VIEW
SIDE
VIEW
12
B2
0.30 DIA.
63/37 Sn/Pb (Eutectic) or
SOLDER BUMPS
96.8/2.6/0.6 Sn/Ag/Cu (Lead-free)
OptiGuardTM
Coating
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P0
P1
CM1400-03
2.96 X 1.33 X 0.644
3.10 X 1.45 X 0.74
8mm
178mm (7")
3500
4mm
4mm
Top
For Tape Feeder Reference
Cover
Tape
P1
Only including Draft.
Concentric Around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Similar Part No. - CM1400-03CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1400-03CP ONSEMI-CM1400-03CP Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1400-03CP ONSEMI-CM1400-03CP Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results

Similar Description - CM1400-03CS

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
   6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
NUF6106FCT1 ONSEMI-NUF6106FCT1 Datasheet
52Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
CM1453-06CP ONSEMI-CM1453-06CP Datasheet
283Kb / 10P
   Praetorian짰 6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
NUF6105FCT1 ONSEMI-NUF6105FCT1_05 Datasheet
98Kb / 6P
   6 Channel EMI Pi-Filter Array with ESD Protection
August, 2005 ??Rev. 3
NUF6106FCT1 ONSEMI-NUF6106FCT1_04 Datasheet
55Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com