Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1402-03CS Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1402-03CS
Description  SIM Card EMI Filter Array with ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1402-03CS Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1402-03CS Datasheet HTML 1Page - California Micro Devices Corp CM1402-03CS Datasheet HTML 2Page - California Micro Devices Corp CM1402-03CS Datasheet HTML 3Page - California Micro Devices Corp CM1402-03CS Datasheet HTML 4Page - California Micro Devices Corp CM1402-03CS Datasheet HTML 5Page - California Micro Devices Corp CM1402-03CS Datasheet HTML 6Page - California Micro Devices Corp CM1402-03CS Datasheet HTML 7Page - California Micro Devices Corp CM1402-03CS Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/02/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
5
CM1402
Performance Information (cont’d)
Typical Filter Performance (nominal conditions unless specified otherwise, 50 Ohm Environment)
Figure 3. A3-C3 EMI Filter Performance
Figure 4. Typical Diode Capacitance vs. Input Voltage (normalized to 2.5VDC)


Similar Part No. - CM1402-03CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1402-03CP ONSEMI-CM1402-03CP Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
More results

Similar Description - CM1402-03CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
Nexperia B.V. All right...
IP4264CZ8-10-TTL NEXPERIA-IP4264CZ8-10-TTL Datasheet
457Kb / 16P
   Integrated (U)SIM card passive filter array with ESD protection
logo
California Micro Device...
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
   MultiMedia Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com