Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1424 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1424
Description  MultiMedia Card EMI Filter Array with ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1424 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1424 Datasheet HTML 1Page - California Micro Devices Corp CM1424 Datasheet HTML 2Page - California Micro Devices Corp CM1424 Datasheet HTML 3Page - California Micro Devices Corp CM1424 Datasheet HTML 4Page - California Micro Devices Corp CM1424 Datasheet HTML 5Page - California Micro Devices Corp CM1424 Datasheet HTML 6Page - California Micro Devices Corp CM1424 Datasheet HTML 7Page - California Micro Devices Corp CM1424 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.cmd.com
09/16/05
CM1424
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark.
EMI+ESD3
EMI+ESD2
GND
EMI+ESD3 EMI+ESD2
C4
C3
B2
A3
A4
Orientation
Marking
ESD2
EMI+ESD1
GND
ESD1
EMI+ESD1
C2
C1
B1
A1
A2
EMI+ESD3
EMI+ESD2
GND
EMI+ESD3 EMI+ESD2
C4
C3
B2
A3
A4
Orientation
Marking
ESD2
EMI+ESD1
GND
ESD1
EMI+ESD1
C2
C1
B1
A1
A2
N243
3
14
2
C
B
A
Orientation
Marking
(see note 2)
N241
3
14
2
C
B
A
Orientation
Marking
(see note 2)
PACKAGE / PINOUT DIAGRAMS
Notes:
BOTTOM VIEW
CM1424 CSP Package (Uncoated)
(Bumps Up View)
TOP VIEW
(Bumps Down View)
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
BOTTOM VIEW
CM1424 CSP Package (OptiGuardcoated)
(Bumps Up View)
TOP VIEW
(Bumps Down View)
PIN DESCRIPTIONS
PIN(s)
NAME
DESCRIPTION
PIN(s)
NAME
DESCRIPTION
A1
EMI+ESD1
CMD Filter Channel 1
C1
EMI+ESD1
CMD Filter Channel 1
A2
ESD1
ESD Channel 1
C2
ESD2
ESD Channel 2
A3
EMI+ESD2
CLK Filter Channel 2
C3
EMI+ESD2
CLK Filter Channel 2
A4
EMI+ESD3
DAT0 Filter Channel 3
C4
EMI+ESD3
DAT0 Filter Channel 3
B1-B2
GND
Device Ground
PART NUMBERING INFORMATION
Bumps
PKG
Standard Finish
Lead-free Finish2
No Coating
OptiGuard
Coated
No Coating
OptiGuard
Coated
Ordering Part
Number1
Part
Marking
Ordering Part
Number1
Part
Marking
Ordering Part
Number1
Part
Marking
Ordering Part
Number1
Part
Marking
10
CSP
CM1424-01CS
N241
CM1424-03CS
N243
CM1424-01CP
N241
CM1424-03CP
N243


Similar Part No. - CM1424

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1420 CALMIRCO-CM1420 Datasheet
638Kb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420 ONSEMI-CM1420 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
logo
California Micro Device...
CM1420-03CP CALMIRCO-CM1420-03CP Datasheet
638Kb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420-03CP ONSEMI-CM1420-03CP Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1420-03CP ONSEMI-CM1420-03CP Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results

Similar Description - CM1424

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
logo
California Micro Device...
CM1402 CALMIRCO-CM1402 Datasheet
493Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
CM1420 CALMIRCO-CM1420 Datasheet
638Kb / 12P
   LCD EMI Filter Array with ESD Protection
CSPEMI606 CALMIRCO-CSPEMI606 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Littelfuse
SP6001 LITTELFUSE-SP6001 Datasheet
1Mb / 7P
   12pF EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com