Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1426 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1426
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1426 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1426 Datasheet HTML 1Page - California Micro Devices Corp CM1426 Datasheet HTML 2Page - California Micro Devices Corp CM1426 Datasheet HTML 3Page - California Micro Devices Corp CM1426 Datasheet HTML 4Page - California Micro Devices Corp CM1426 Datasheet HTML 5Page - California Micro Devices Corp CM1426 Datasheet HTML 6Page - California Micro Devices Corp CM1426 Datasheet HTML 7Page - California Micro Devices Corp CM1426 Datasheet HTML 8Page - California Micro Devices Corp CM1426 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
08/30/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
3
CM1426
PRELIMINARY
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "+" character for the top side orientation mark.
Specifications
PART NUMBERING INFORMATION
Bumps
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
10
CSP
CM1426-04CS
N264
CM1426-04CP
N264
15
CSP
CM1426-06CS
N266
CM1426-06CP
N266
20
CSP
CM1426-08CS
N268
CM1426-08CP
N268
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
500
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
Ω
CTOTAL
Total Channel Capacitance
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
13.6
17
20.4
pF
C
Capacitance C1
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
6.8
8.5
10.2
pF
VDIODE
Standoff Voltage
IDIODE=10μA6.0
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE= 3.3V
0.1
1
μA
VSIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
ILOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883, Method
3015
b) Contact Discharge per IEC 61000-4-2 Level 4
Notes 2 and 3
±15
±8
kV
kV


Similar Part No. - CM1426

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1426 ONSEMI-CM1426 Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1426-04CP ONSEMI-CM1426-04CP Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1426-06CP ONSEMI-CM1426-06CP Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1426-08CP ONSEMI-CM1426-08CP Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1426

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com