Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1426 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM1426
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1426 Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM1426 Datasheet HTML 1Page - California Micro Devices Corp CM1426 Datasheet HTML 2Page - California Micro Devices Corp CM1426 Datasheet HTML 3Page - California Micro Devices Corp CM1426 Datasheet HTML 4Page - California Micro Devices Corp CM1426 Datasheet HTML 5Page - California Micro Devices Corp CM1426 Datasheet HTML 6Page - California Micro Devices Corp CM1426 Datasheet HTML 7Page - California Micro Devices Corp CM1426 Datasheet HTML 8Page - California Micro Devices Corp CM1426 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
08/30/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM1426
PRELIMINARY
LCD and Camera EMI Filter Array with ESD Protection
Features
Four, six and eight channels of EMI filtering with
integrated ESD protection
0.5mm pitch, 10-bump, 1.96mm x 1.33mm foot-
print Chip Scale Package (CM1426-04)
0.5mm pitch, 15-bump, 2.96mm x 1.33mm foot-
print Chip Scale Package (CM1426-06)
0.5mm pitch, 20-bump, 3.96mm x 1.33mm foot-
print Chip Scale Package (CM1426-08)
Pi-style EMI filters in a capacitor-resistor-capacitor
(C-R-C) network
±8kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
±15kV ESD protection on each channel (HBM)
Greater than 20dB attenuation (typical) at 1 GHz
Chip Scale Package features extremely low
lead inductance for optimum filter and ESD
performance
Optiguard
coated for improved reliability at
assembly
Lead-free version available
Applications
LCD and Camera data lines in mobile handsets
I/O port protection for mobile handsets, notebook
computers, PDAs etc.
EMI filtering for data ports in cell phones, PDAs or
notebook computers.
Wireless handsets
Handheld PCs/PDAs
LCD and camera modules
Product Description
The CM1426 is a family of pi-style EMI filter arrays with
ESD protection, which integrates four, six and eight fil-
ters (C-R-C) in a Chip Scale Package with 0.50mm
pad pitch. The CM1426 has component values of
8.5pF-100
Ω-8.5pF per channel. The CM1426 has a
cut-off frequency of 230MHz and can be used in appli-
cations where the data rates are as high as 92Mbps.
The parts include avalanche-type ESD diodes on every
pin, which provide a very high level of protection for
sensitive electronic components that may be subjected
to electrostatic discharge (ESD). The ESD protection
diodes safely dissipate ESD strikes of
±8kV, well
beyond the maximum requirement of the IEC61000-4-
2 international standard. Using the MIL-STD-883
(Method 3015) specification for Human Body Model
(HBM) ESD, the pins are protected for contact dis-
charges at greater than
±15kV.
These devices are particularly well-suited for portable
electronics (e.g. wireless handsets, PDAs, notebook
computers) because of their small package and easy-
to-use pin assignments. In particular, the CM1426 is
ideal for EMI filtering and protecting data and control
lines for the I/O data ports, LCD display and camera
interface in mobile handsets.
The CM1426 incorporates Optiguard
which results in
improved reliability at assembly. The CM1426 is avail-
able in a space-saving, low-profile Chip Scale Package
with optional lead-free finishing.
100
Ω
8.5pF
8.5pF
FILTER+ESDn*
GND*
FILTER+ESDn*
Electrical Schematic
1 of 4, 6 or 8 EMI/RFI + ESD Channels
* See Package/Pinout Diagram
for expanded pin information.
(Pins B1-Bm)
(Pins A1-An)
(Pins C1-Cn)


Similar Part No. - CM1426

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1426 ONSEMI-CM1426 Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1426-04CP ONSEMI-CM1426-04CP Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1426-06CP ONSEMI-CM1426-06CP Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1426-08CP ONSEMI-CM1426-08CP Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1426

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com