Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1426-06CS Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1426-06CS
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1426-06CS Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1426-06CS Datasheet HTML 1Page - California Micro Devices Corp CM1426-06CS Datasheet HTML 2Page - California Micro Devices Corp CM1426-06CS Datasheet HTML 3Page - California Micro Devices Corp CM1426-06CS Datasheet HTML 4Page - California Micro Devices Corp CM1426-06CS Datasheet HTML 5Page - California Micro Devices Corp CM1426-06CS Datasheet HTML 6Page - California Micro Devices Corp CM1426-06CS Datasheet HTML 7Page - California Micro Devices Corp CM1426-06CS Datasheet HTML 8Page - California Micro Devices Corp CM1426-06CS Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
08/30/05
CM1426
PRELIMINARY
PIN DESCRIPTIONS
PIN(s)
NAME
DESCRIPTION
PIN(s)
NAME
DESCRIPTION
A1
FILTER1
Filter + ESD Channel 1
C1
FILTER1
Filter + ESD Channel 1
A2
FILTER2
Filter + ESD Channel 2
C2
FILTER2
Filter + ESD Channel 2
A3
FILTER3
Filter + ESD Channel 3
C3
FILTER3
Filter + ESD Channel 3
A4
FILTER4
Filter + ESD Channel 4
C4
FILTER4
Filter + ESD Channel 4
A5
FILTER5
Filter + ESD Channel 5
C5
FILTER5
Filter + ESD Channel 5
A6
FILTER6
Filter + ESD Channel 6
C6
FILTER6
Filter + ESD Channel 6
A7
FILTER7
Filter + ESD Channel 7
C7
FILTER7
Filter + ESD Channel 7
A8
FILTER8
Filter + ESD Channel 8
C8
FILTER8
Filter + ESD Channel 8
B1-B4
GND
Device Ground
N268
4
3
26
58
7
1
C
B
A
Orientation
Marking
(see note 2)
N266
4
3
26
5
1
C
B
A
Orientation
Marking
(see note 2)
N264
4
3
2
1
C
B
A
Orientation
Marking
(see note 2)
FILTER5
FILTER6
GND
FILTER5
FILTER6
FILTER7
FILTER8
GND
FILTER7
FILTER8
A6
A5
Orientation
Marking
B3
B4
C6
C5
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
A8
A7
C8
C7
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
FILTER5
FILTER6
GND
FILTER5
FILTER6
A6
A5
Orientation
Marking
B3
C6
C5
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
Orientation
Marking
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
PACKAGE / PINOUT DIAGRAMS
Notes:
BOTTOM VIEW
CM1426-06CS/CP
15 Bump CSP Package
(Bumps Up View)
TOP VIEW
(Bumps Down View)
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
CM1426-08CS/CP
20 Bump CSP Package
CM1426-04CS/CP
10 Bump CSP Package


Similar Part No. - CM1426-06CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1426-06CP ONSEMI-CM1426-06CP Datasheet
682Kb / 17P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1426-06CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com