Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXA2500ML Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MXA2500ML
Description  Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MXA2500ML Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MXA2500ML Datasheet HTML 1Page - List of Unclassifed Manufacturers MXA2500ML Datasheet HTML 2Page - List of Unclassifed Manufacturers MXA2500ML Datasheet HTML 3Page - List of Unclassifed Manufacturers MXA2500ML Datasheet HTML 4Page - List of Unclassifed Manufacturers MXA2500ML Datasheet HTML 5Page - List of Unclassifed Manufacturers MXA2500ML Datasheet HTML 6Page - List of Unclassifed Manufacturers MXA2500ML Datasheet HTML 7Page - List of Unclassifed Manufacturers MXA2500ML Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MEMSIC MXA2500G/M Rev. E
Page 1 of 8
1/19/2005
Improved, Ultra Low Noise
±1.7 g
Dual Axis Accelerometer with
Absolute Outputs
MXA2500G/M
FEATURES
Resolution better than 1 milli-g
Dual axis accelerometer fabricated on a monolithic CMOS IC
On chip mixed mode signal processing
No moving parts
50,000 g shock survival rating
17 Hz bandwidth expandable to >160 Hz
3.0V to 5.25V single supply continuous operation
Continuous self test
Independent axis programmability (special order)
Internal Sensitivity Compensated
APPLICATIONS
Automotive – Vehicle Security/Vehicle Stability control/
Headlight Angle Control/Tilt Sensing
Security – Gas Line/Elevator/Fatigue Sensing/Computer Security
Information Appliances – Computer Peripherals/PDA’s/Mouse
Smart Pens/Cell Phones
Internal
Oscillator
Sck
(optional)
CLK
Heater
Control
X axis
Y axis
Factory Adjust
Offset & Gain
Low Pass
Filter
Low Pass
Filter
Temperature
Sensor
Voltage
Reference
V
REF
A
OUTX
V
DD
V
DA
Gnd
2-AXIS
SENSOR
A
OUTY
T
OUT
Continous
Self Test
MXA2500G/M FUNCTIONAL BLOCK DIAGRAM
Gaming – Joystick/RF Interface/Menu Selection/Tilt Sensing
GPS – Electronic compass tilt correction
Consumer – LCD projectors, pedometers, blood pressure
Monitor, digital cameras
GENERAL DESCRIPTION
The MXA2500G/M is a low cost, dual axis accelerometer
fabricated on a standard, submicron CMOS process. It is a
complete sensing system with on-chip mixed mode signal
processing. The MXA2500G/M measures acceleration
with a full-scale range of
±1.7g and a sensitivity of
500mV/g @5V at 25°C. It can measure both dynamic
acceleration (e.g. vibration) and static acceleration (e.g.
gravity). The MXA2500G/M design is based on heat
convection and requires no solid proof mass. This
eliminates stiction and particle problems associated with
competitive devices and provides shock survival of 50,000
g, leading to significantly lower failure rate and lower loss
due to handling during assembly.
The MXA2500G/M provides two absolute analog outputs.
The typical noise floor is 0.2 mg/ Hz allowing signals
below 1 milli-g to be resolved at 1 Hz bandwidth. The
3dB rolloff of the device occurs at 17 Hz but is expandable
to >160 Hz (reference Application Note AN-00MX-003).
The MXA2500G/M is packaged in a hermetically sealed
LCC surface mount package (5 mm x 5 mm x 2 mm height)
and is operational over a -40°C to 105°C(M) and 0°C to
70
°C(G) temperature range.
Information furnished by MEMSIC is believed to be accurate and reliable.
However, no responsibility is assumed by MEMSIC for its use, nor for any
infringements of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or
patent rights of MEMSIC.
MEMSIC, Inc.
800 Turnpike St., Suite 202, North Andover, MA 01845
Tel: 978.738.0900
Fax: 978.738.0196
www.memsic.com


Similar Part No. - MXA2500ML

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXA2500ML MEMSIC-MXA2500ML Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
More results

Similar Description - MXA2500ML

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXA2500G MEMSIC-MXA2500G Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
logo
List of Unclassifed Man...
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
   Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
MXD2020ML ETC-MXD2020ML Datasheet
289Kb / 7P
   Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
List of Unclassifed Man...
MXA2500J ETC1-MXA2500J Datasheet
255Kb / 8P
   Ultra Low Cost, 짹1.0 g Dual Axis Accelerometer with Absolute Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
logo
MEMSIC Semiconductor (T...
MXR2999G MEMSIC-MXR2999G Datasheet
179Kb / 6P
   Improved 짹1 g Dual Axis Accelerometer with Ratiometric Outputs
Rev.G
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
   Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com