Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1452-06CP Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1452-06CP
Description  LCD & Camera EMI Filter Array with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1452-06CP Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1452-06CP Datasheet HTML 1Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 2Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 3Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 4Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 5Page - California Micro Devices Corp CM1452-06CP Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRELIMINARY
© 2005 California Micro Devices Corp. All rights reserved.
6/23/05
430 N. McCarthy Blvd., Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
3
Part Ordering Information
Pins
Package
Lead-free Finish
10
CSP
CM1452-04CP
15
CSP
CM1452-06CP
20
CSP
CM1452-08CP
Electrical Specifications
Specifications:
(At 25 C unless specified otherwise)
Min.
Typ.
Max.
Unit
Channel Inductance
17
nH
Total Channel Capacitance at 2.5Vdc; 1MHz, 30mVac
32
40
48
pF
Capacitance C1 at 2.5V dc; 1MHz, 30mV ac
16
20
24
pF
Cut-off Frequency, ZSOURCE = 50 , ZLOAD = 50
148
MHz
Roll-off Frequency at -6dB Attenuation, ZSOURCE = 50 ,
ZLOAD = 50
330
MHz
Stand-off Voltage, I = 10mA
5.5
V
Diode Leakage at 3.3V reverse bias voltage
0.1
1.0
µA
Signal Clamp Voltage:
Positive Clamp, 10mA
Negative Clamp, -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
In-system ESD withstand voltage*:
Human Body Model (MIL-STD-883, method 3015)
IEC 61000-4-2, contact discharge method
30
15
kV
kV
Dynamic Resistance
Positive
Negative
2.3
0.9
Temperature Range:
Operating
Storage
-40
-65
85
150
C
Current per Inductor:
30
mA
DC Package Power Rating:
0.5
W
* ESD applied to input/output pins with respect to GND, one at a time. Clamping voltage is measured at the opposite side of the
EMI filter to the ESD pin (i.e. if ESD is applied to pin A1 then clamping voltage is measured at pin C1). Unused pins are left
open. These parameters are guaranteed by design.


Similar Part No. - CM1452-06CP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1452-06CP ONSEMI-CM1452-06CP Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1452-06CP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com