Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1460 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1460
Description  Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1460 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1460 Datasheet HTML 1Page - California Micro Devices Corp CM1460 Datasheet HTML 2Page - California Micro Devices Corp CM1460 Datasheet HTML 3Page - California Micro Devices Corp CM1460 Datasheet HTML 4Page - California Micro Devices Corp CM1460 Datasheet HTML 5Page - California Micro Devices Corp CM1460 Datasheet HTML 6Page - California Micro Devices Corp CM1460 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
02/23/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1460
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin (i.e. if ESD is applied to pin A1 then
clamping voltage is measured at pin C1). Unused pins are left open.
Note 4: These parameters are guaranteed by design and characterization.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
Current per Inductor
30
mA
DC Package Power Rating
500
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
L
Channel Inductance
17
nH
CTOTAL
Total Channel Capacitance
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
24
30
36
pF
C
Capacitance C1
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
12
15
18
pF
VDIODE
Standoff Voltage
IDIODE=10μA6.0
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE=+3.3V
0.1
1.0
μA
VSIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
ILOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883, Method
3015
b) Contact Discharge per IEC 61000-4-2 Level 4
Notes 2, 3and 4
±30
±15
kV
kV
RDYN
Dynamic Resistance
Positive
Negative
2.3
0.9
Ω
Ω
fC
Roll-off Frequency at 06dB Attenuation
ZSOURCE=50Ω, ZLOAD=50Ω
350
MHz


Similar Part No. - CM1460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1460 ONSEMI-CM1460 Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1460-04DE ONSEMI-CM1460-04DE Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1460-06DE ONSEMI-CM1460-06DE Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1460-08DE ONSEMI-CM1460-08DE Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
More results

Similar Description - CM1460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
EMI9406 ONSEMI-EMI9406 Datasheet
214Kb / 6P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
December, 2011 ??Rev. 0
EMI9408 ONSEMI-EMI9408 Datasheet
211Kb / 5P
   PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
November, 2012 ??Rev. 1
CM1693-06DE ONSEMI-CM1693-06DE Datasheet
143Kb / 6P
   Praetorian L-C LCD and Camera EMI Array with ESD Protection
March 2010 ??Rev. 2
CM1460 ONSEMI-CM1460 Datasheet
1Mb / 19P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1461 ONSEMI-CM1461 Datasheet
1Mb / 18P
   Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection
February 2010 ??Rev. 2
CM1693-04DE ONSEMI-CM1693-04DE Datasheet
178Kb / 8P
   L-C LCD and Camera EMI Filter Array with ESD Protection
May, 2013 ??Rev. 3
CM2006 ONSEMI-CM2006_16 Datasheet
94Kb / 6P
   L-C LCD and Camera EMI Filter Array with ESD Protection
January, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com