Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2400-05HB Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM2400-05HB
Description  Universal Serial Bus Transceiver with Level Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2400-05HB Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM2400-05HB Datasheet HTML 1Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 2Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 3Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 4Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 5Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 6Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 7Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 8Page - California Micro Devices Corp CM2400-05HB Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
06/30/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM2400-05
PRELIMINARY
Universal Serial Bus Transceiver with Level Translator
Features
Complies with USB Specification Rev 1.1 & 2.0
Supports Full Speed Mode (12Mbit/s)
Integrated 5V to 3.3V regulator
Bi-directional driver input/output pins
Two single-ended receivers with hysteresis
USB detection of VBUS via level translator
Stable RCV output during SE0 condition
Low power operation
Supports 1.65 to 3.6V I/O voltage levels
Full industrial operating range -40 to 85
°C
Available in tiny HBCC-16 and TQFN-16 packages
Lead-free versions available
Applications
Wireless Handsets
Digital Still Cameras
PDAs (Personal Digital Assistants)
IAs (Information Appliances)
Pin and functionally compatible with Philips
ISP1102
Product Description
The CM2400-05 Universal Serial Bus (USB) trans-
ceiver is fully compliant with USB specification, revi-
sions 1.1 and 2.0. It supports a speed of 12Mbits/s
(Full Speed Mode).
An internal level shifter allows interface to Application
Specific Integrated Circuits (ASICs) and Programma-
ble Logic Devices (PLDs) running at core voltages of
1.65V to 3.6V.
An internal 5V to 3.3V regulator is used to power the
CM2400-05 USB transceiver via the USB supply VBUS.
VM/VMO and VP/VPO are bi-directional interface pins. In
one mode they function as the differential driver input
data. In another mode they function as the output of
the single ended receivers. This mode is configured by
the OE pin.
This device is ideal for portable electronic devices such
as mobile phones, digital still cameras, PDAs (Personal
Digital Assistants) and IAs (Information Appliances).
The CM2400-05 is manufactured in small form-factor
16-lead HBCC or TQFN packages to conserve board
space and is available with optional lead-free finishing.
Simplified Block Schematic
Voltage
Detector
Voltage
Regulator
VCC
USB_DET
ENUM
OE
SPND
VM/VMO*
RCV
GND
D-
D+
VPU
VREG
VBUS
ENABLE
VP/VPO*
* Pins are bi-directional based on OE state:
If OE = VCC, then VM/VMO and VP/VPO
are configured as outputs.
If OE = GND, then VM/VMO and VP/VPO
are configured as inputs.


Similar Part No. - CM2400-05HB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01HB CALMIRCO-CM2400-01HB Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-02 CALMIRCO-CM2400-02 Datasheet
179Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-02HA CALMIRCO-CM2400-02HA Datasheet
179Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-02HB CALMIRCO-CM2400-02HB Datasheet
179Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
More results

Similar Description - CM2400-05HB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-02 CALMIRCO-CM2400-02 Datasheet
179Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com