Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3131-01SH Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM3131-01SH
Description  Triple Linear Voltage Regulator for DDR-I/-II Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3131-01SH Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM3131-01SH Datasheet HTML 1Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 2Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 3Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 4Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 5Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 6Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 7Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 8Page - California Micro Devices Corp CM3131-01SH Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
02/02/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
CM3131
4
Functional Description (cont’d)
VCC
VSTBY
SEL
VDDQ 1,2
VTT
3V/3.3V
5V/3.3V
ON
VDDQ
VDDQ / 2
X
5V/3.3V
OFF
VDDQ STBY
0V
<VCC MIN
X
ON
0V
0V
X
<VSTBY MIN
OFF
0V
0V
Truth Table for CM3131-01
S to R
VCC
VSTBY
SEL
VDDQ OUT
VTT OUT
S0
3V/3.3V
5V/3.3V
ON
VDDQ
VDDQ / 2
S1
3V/3.3V
5V/3.3V
ON
VDDQ
VDDQ / 2
S2
3V/3.3V
5V/3.3V
ON
VDDQ
VDDQ / 2
S3
3V/3.3V
5V/3.3V
OFF
VDDQ STBY
0V
S4
<VCC MIN
5V/3.3V
OFF
0V
0V
S5
<VCC MIN
5V/3.3V
OFF
0V
0V
Sequencing Matrix for CM3131-01 for Suspend to RAM operation
No S to R
VCC
VSTBY
SEL
VDDQ OUT
VTT OUT
S0
3V/3.3V
5V/3.3V
ON
VDDQ
VDDQ / 2
S1
3V/3.3V
5V/3.3V
ON
VDDQ
VDDQ / 2
S2
3V/3.3V
5V/3.3V
ON
VDDQ
VDDQ / 2
S3
<VCC MIN
5V/3.3V
ON
0V
0V
S4
<VCC MIN
5V/3.3V
ON
0V
0V
S5
<VCC MIN
5V/3.3V
ON
0V
0V
Sequencing Matrix for CM3131-01 for Suspend to RAM Not Supported
VCC
VSTBY
EN
VDDQ OUT
VTT OUT
3V/3.3V
5V/3.3V
ON
VDDQ
VDDQ / 2
<VCC MIN
5V/3.3V
ON
VDDQ STBY
0V
<VCC MIN
X
OFF
0V
0V
X
<VSTBY MIN
OFF
0V
0V
Truth Table for CM3131-11


Similar Part No. - CM3131-01SH

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM313 CML-CM313 Datasheet
23Kb / 1P
   T-3 1/4 Miniature Bayonet Base
logo
Visual Communications C...
CM313 VCC-CM313 Datasheet
26Kb / 1P
   Bayonet Base, Screw Base
logo
California Micro Device...
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
CM3132-02SB CALMIRCO-CM3132-02SB Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
CM3132-02SH CALMIRCO-CM3132-02SH Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
More results

Similar Description - CM3131-01SH

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
   Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
CM3132 CALMIRCO-CM3132 Datasheet
234Kb / 11P
   Triple Linear Voltage Regulator for DDR-I Memory and CPU
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
   DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
logo
Maxim Integrated Produc...
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX8794 MAXIM-MAX8794_10 Datasheet
258Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 2; 3/10
MAX8794 MAXIM-MAX8794_07 Datasheet
276Kb / 14P
   Low-Voltage DDR Linear Regulator
Rev 1; 10/07
MAX8794 MAXIM-MAX8794 Datasheet
386Kb / 13P
   Low-Voltage DDR Linear Regulator
Rev 0; 8/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com