Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ4062 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MAZ4062
Description  Silicon planar type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4062 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MAZ4062 Datasheet HTML 1Page - Panasonic Semiconductor MAZ4062 Datasheet HTML 2Page - Panasonic Semiconductor MAZ4062 Datasheet HTML 3Page - Panasonic Semiconductor MAZ4062 Datasheet HTML 4Page - Panasonic Semiconductor MAZ4062 Datasheet HTML 5Page - Panasonic Semiconductor MAZ4062 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Zener Diodes
MAZ4000 Series
Ptot  Ta
IF  VF
PZSM  tW
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
IZ  VZ
0
0
250
200
150
100
50
100
200
300
400
500
Ambient temperature T
a
(
°C)
Thickness of the printed-circuit board 1.6 mm
Copper foil 0.035 mm, Hole distance 5 mm
Anode side copper foil
φ 3 mm
Cathode side copper foil
φ 3 mm
1
10
3
2
30
20
5
50
500
100
200
300
0.1
0.3
3
0.5
5
110
0.2
2
Pulse width t
W
(ms)
Ta
= 25°C (Prior to surge)
150
°C (Prior to surge)
0
40
80
120
160
200
240
280
320
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage V
F
(V)
Ta
= 25°C
0
06
15
234
80
40
160
120
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
MAZ4024
MAZ4027
MAZ4030
MAZ4033
MAZ4036
MAZ4039
MAZ4043
0
120
100
80
60
40
20
02468
10
12
Zener voltage V
Z
(V)
Ta = 25
°C
Static
Characteristics
0
10
20
30
40
010
30
20
40
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Characteristics
0
40
80
120
160
200
012345
6
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Characteristics
MAZ4024
MAZ4027
MAZ4030
MAZ4033
MAZ4036
MAZ4039
MAZ4043
0
40
80
120
160
20
60
100
140
180
200
02468
10
12
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Characteristics
0
20
40
60
80
100
010
30
20
40
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Characteristics


Similar Part No. - MAZ4062

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4062 PANASONIC-MAZ4062 Datasheet
72Kb / 5P
   Silicon planar type
MAZ4062 PANASONIC-MAZ4062 Datasheet
107Kb / 7P
   Silicon planar type
MAZ4062 PANASONIC-MAZ4062 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ4062 PANASONIC-MAZ4062 Datasheet
104Kb / 7P
   Silicon planar type
MAZ4062-H PANASONIC-MAZ4062-H Datasheet
72Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ4062

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com