Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM9142-01QE Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM9142-01QE
Description  Two Group, 4 and 2, WLED Driver, Different Current Settings
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9142-01QE Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM9142-01QE Datasheet HTML 1Page - California Micro Devices Corp CM9142-01QE Datasheet HTML 2Page - California Micro Devices Corp CM9142-01QE Datasheet HTML 3Page - California Micro Devices Corp CM9142-01QE Datasheet HTML 4Page - California Micro Devices Corp CM9142-01QE Datasheet HTML 5Page - California Micro Devices Corp CM9142-01QE Datasheet HTML 6Page - California Micro Devices Corp CM9142-01QE Datasheet HTML 7Page - California Micro Devices Corp CM9142-01QE Datasheet HTML 8Page - California Micro Devices Corp CM9142-01QE Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
3
CM9142
PRELIMINARY
ELECTRICAL OPERATING CHARACTERISTICS
VIN = 3.6V; All outputs are on. Typical values are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
S
VIN
Supply Voltage Range
2.9
6.0
V
VUVLO
Undervoltage Lockout
All outputs are no load.
1.7
1.8
1.9
V
IQ
Quiescent Current
1x mode
500
μA
ISD
Shutdown Supply Current
VEN < 0.4V
2
10
μA
VOUT Charge Pump
VOUT
Output Voltage
IOUT = 0mA to 120mA,
VIN = 3.0 to 5.5V
4.2
5.5
V
ILED TOT
Total ILED Current
Σ I
LED1 thru ILED4+photoflash
300
mA
ILED
Accuracy of ISET
VIN = 3.0V to 5.5V
1
%
Matching current between LED1
to LED6
VIN = 4.0V, ILED 1 to ILED6= 20mA
2
5
%
ILED per driver
Device total ILED < 300mA
50
mA
EN, ISET
VIH
High Level Input Voltage
1.8
VIL
Low Level Input Voltage
0.4
Protection
Over-current Limit
400
mA
Over-temperature Limit
135
°C
Over-temperature Hysteresis
15
°C
Specifications (cont’d)


Similar Part No. - CM9142-01QE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM914 CML-CM914 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM914 VCC-CM914 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
California Micro Device...
CM9140 CALMIRCO-CM9140 Datasheet
311Kb / 12P
   Four Output Driver for White LEDs
CM9140-01QE CALMIRCO-CM9140-01QE Datasheet
311Kb / 12P
   Four Output Driver for White LEDs
More results

Similar Description - CM9142-01QE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9132 CALMIRCO-CM9132 Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
CM9133 CALMIRCO-CM9133 Datasheet
382Kb / 14P
   Two Group, 3 and 3, WLED Driver, Different Current Settings
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Allegro MicroSystems
A8501 ALLEGRO-A8501 Datasheet
559Kb / 24P
   2 MHz, 4 Channel100 mA WLED/RGB Driver
logo
Power Analog Micoelectr...
PAM2841 PAM-PAM2841 Datasheet
736Kb / 14P
   1.5ASW Current, 40V Precision WLED Driver
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
   High efficiency constant current limit current WLED driver
logo
Texas Instruments
TPS65200 TI1-TPS65200_15 Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
TPS65200 TI1-TPS65200 Datasheet
2Mb / 60P
[Old version datasheet]   LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
logo
Allegro MicroSystems
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com