Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM9153-01MR Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM9153-01MR
Description  Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9153-01MR Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM9153-01MR Datasheet HTML 1Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 2Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 3Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 4Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 5Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 6Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 7Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 8Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9153
PRELIMINARY
CIN=COUT=C1=C2=1.0μF, TA=25 °C, unless specified
Line Regulation
Iout=120mA
4.0
4.1
4.2
4.3
4.4
4.5
4.6
3.00
4.00
5.00
6.00
Vin (V)
Line Regulation
Iout=60mA
4.0
4.1
4.2
4.3
4.4
4.5
4.6
3.00
4.00
5.00
6.00
Vin (V)
Load Regulation
4.00
4.25
4.50
4.75
10
30
50
70
90
110
Load Current (mA)
3.6 Vin
3.4 Vin
5Vin
Efficiency
50
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Iout=60mA
Efficiency
50
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
Iout=120mA
Switching Frequency - 650kHz
610
630
650
670
690
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
Input Voltage (V)
-40ºC
20ºC
85ºC
Typical Performance Curves


Similar Part No. - CM9153-01MR

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM915 CML-CM915 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM915 VCC-CM915 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01DE CALMIRCO-CM9156A-01DE Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01MR CALMIRCO-CM9156A-01MR Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results

Similar Description - CM9153-01MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com