Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM9153-01MR Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM9153-01MR
Description  Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9153-01MR Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM9153-01MR Datasheet HTML 3Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 4Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 5Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 6Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 7Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 8Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 9Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 10Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
7
CM9153
PRELIMINARY
The CM9153 is a switched capacitor, charge pump
voltage converter ideally suited for driving white LEDs
to backlight or sidelight LCD color displays for portable
devices, such as cellular phones, PDAs, and any appli-
cation where small space and efficiency are critical.
The CM9153 charge pump is the perfect driver for such
portable applications by providing efficiency, compact
overall size, low system cost and minimal EMI.
The CM9153 contains a linear low dropout (LDO) regu-
lator followed by a 1.5x fractional charge pump that
converts the nominal lithium-ion (Li-Ion) or lithium poly-
mer battery voltage levels (3.6V) by a gain of 1.5 and
regulates the converted voltage to 4.5V, ±-5%, enough
to drive the forward voltage drop of white LEDs. The
CM9153 requires only two external switched, or
bucket, capacitors, plus an input and an output capaci-
tor resulting in a compact, low profile design. In many
applications, all these can conveniently be the same
value, 1.0
μF, commonly available in a compact 0805
surface mount package.
The CM9153 is intended for white LED applications,
but it can drive most all types of LEDs with a forward
voltage drop of less than 4V.
The LED current is determined by its series resistor,
RLED, and is approximately:
Typical white LEDs have a forward voltage drop,
VFWD_LED, of 3.5V to 3.7V. Like all single junction
devices, white LEDs often have poorly matched for-
ward voltages. If the LEDs were put in parallel without
a series resistor, the current in the paralleled branches
would vary, resulting in non-uniform brightness. RLED,
in addition to setting the current, compensates for this
variation by functioning as a ballast resistor, providing
negative feedback for each paralleled LED.
CM9153 Operation
When a voltage exceeding the undervoltage lockout
threshold (UVLO) is applied to the VIN pin, the
CM9153 initiates a softstart cycle, typically lasting
100
μS. Softstart limits the inrush current while the out-
put capacitors are charged during the power-up of the
device.
The input voltage, VIN, passes through an LDO pre-
regulator that compares the output voltage to a preci-
sion bandgap reference. After the LDO, the charge
pump boosts the LDO voltage by 1.5 times. A feedback
circuit to the LDO monitors the output voltage, and
when the output voltage reaches 4.5V, the LDO output
will operate at about 3V, regulating the device output at
1.5 x 3V = 4.5V.
The charge pump uses two phases from the oscillator
to drive internal switches that are connected to the
bucket capacitors, C1 and C2, as shown in Figure 1. In
the first switch position, the bucket capacitors are con-
nected in series and each are charged from the LDO to
a voltage of VLDO/2. The next phase changes the
switch positions so that C1 and C2 are put in parallel,
and places them on top of VLDO. The resulting voltage
across COUT is then; VLDO+1/2VLDO = 1.5 x VLDO.
Figure 1. Switch Operation
LED
LED
_
FWD
LED
R
V
V
5
.
4
I
=
Charge C1 and C2 to ½ V LDO
LDO
VIN
FB
C1
C2
½VLDO
VLDO
VOUT
½VLDO
Transfer ½ VLDO charge to top of V LDO
LDO
VIN
FB
C1
C2
½VLDO
VLDO
½VLDO
C
OUT
VOUT
C
OUT
Application Information


Similar Part No. - CM9153-01MR

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM915 CML-CM915 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM915 VCC-CM915 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01DE CALMIRCO-CM9156A-01DE Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01MR CALMIRCO-CM9156A-01MR Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results

Similar Description - CM9153-01MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com