Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM9153-01MR Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM9153-01MR
Description  Charge Pump White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9153-01MR Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM9153-01MR Datasheet HTML 4Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 5Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 6Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 7Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 8Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 9Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 10Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 11Page - California Micro Devices Corp CM9153-01MR Datasheet HTML 12Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
11
CM9153
PRELIMINARY
TDFN-08 Mechanical Specifications
The CM9153 is supplied in an 8-lead TDFN package.
Dimensions are presented below.
For complete information on the TDFN-08, see the Cal-
ifornia Micro Devices TDFN Package Information docu-
ment.
=
This package is compliant with JEDEC standard MO-229, variation
VCCD-3 with exception of the "D2" and "E2" dimensions as called
out in the table above and the "r1" dimension which is not specified in
the MO-229 standard.
Package Dimensions for 8-Lead TDFN
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229 (Var. VCCD-3)=
Leads
8
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A2
0.55
0.65
0.80
0.022
0.026
0.031
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
2.00
0.079
D2
0.88
0.98
1.08
0.035
0.039
0.043
E
2.00
0.079
E2
0.46
0.56
0.66
0.018
0.022
0.026
e
0.50
0.020
K
0.20
0.008
L
0.20
0.30
0.45
0.008
0.012
0.018
L2
0.13
0.005
R
0.075
0.003
r1
0.075
0.003
# per
tube
NA
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
A
A3
A1
0.10 C
0.08 C
SIDE VIEW
TOP VIEW
b
L
0.10
C A B
M
8X
D2
e
GND PAD
D
Pin 1
Marking
4
3
2
1
5
6
7
8
A2
K
R
r1
5
6
7
8
3
2
14
Mechanical Details


Similar Part No. - CM9153-01MR

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM915 CML-CM915 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM915 VCC-CM915 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01DE CALMIRCO-CM9156A-01DE Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01MR CALMIRCO-CM9156A-01MR Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results

Similar Description - CM9153-01MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com