Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT2201 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT2201
Description  CMOS 1K 2-Wire Serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2201 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT2201 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 9Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 10Page - Holtek Semiconductor Inc HT2201 Datasheet HTML 11Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Carrier Tape Dimensions
SOT-25
Symbol
Description
Dimensions in mm
W
Carrier Tape Width
8
±0.3
P
Cavity Pitch
4
E
Perforation Position
1.75
F
Cavity to Perforation (Width Direction)
3.5
±0.05
D
Perforation Diameter
1.5+0.1
D1
Cavity Hole Diameter
1.5+0.1
P0
Perforation Pitch
4
P1
Cavity to Perforation (Length Direction)
2
A0
Cavity Length
3.15
B0
Cavity Width
3.2
K0
Cavity Depth
1.4
t
Carrier Tape Thickness
0.2
±0.03
C
Cover Tape Width
5.3
HT2201
Rev. 1.20
10
January 6, 2006
P
D 1
W
P 1
P 0
D
E
F
t
K 0
B 0
A 0
C


Similar Part No. - HT2201

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT2201L HYES-HT2201L Datasheet
682Kb / 24P
   LCD MODULE (176 횞 RGB 횞 220 Dots)
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
More results

Similar Description - HT2201

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_09 Datasheet
105Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
   CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
   1K 3-Wire CMOS Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_14 Datasheet
2Mb / 11P
   CMOS 1K 3-Wire Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
   CMOS 2-WIRE SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com