Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTAX4443XN3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # DTAX4443XN3
Description  NPN Digital Transistors (Built-in Resistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTAX4443XN3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  DTAX4443XN3 Datasheet HTML 1Page - Cystech Electonics Corp. DTAX4443XN3 Datasheet HTML 2Page - Cystech Electonics Corp. DTAX4443XN3 Datasheet HTML 3Page - Cystech Electonics Corp. DTAX4443XN3 Datasheet HTML 4Page - Cystech Electonics Corp. DTAX4443XN3 Datasheet HTML 5Page - Cystech Electonics Corp. DTAX4443XN3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C380N3
Issued Date : 2005.04.15
Revised Date :2005.06.24
Page No. : 3/6
DTD143TN3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
100
1000
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE=5V
Saturation Voltage vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current --- IC(mA)
VCESAT@IC=20IB
Power Derating Curve
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature --- Ta(℃ )


Similar Part No. - DTAX4443XN3

ManufacturerPart #DatasheetDescription
logo
Rohm
DTAXXX ROHM-DTAXXX Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Bruckewell Technology L...
DTAXXXXCA_R1 BWTECH-DTAXXXXCA_R1 Datasheet
478Kb / 6P
   Epitaxial planar die construction.
More results

Similar Description - DTAX4443XN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com