Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM9156A Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM9156A
Description  Charge Pump White LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9156A Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM9156A Datasheet HTML 2Page - California Micro Devices Corp CM9156A Datasheet HTML 3Page - California Micro Devices Corp CM9156A Datasheet HTML 4Page - California Micro Devices Corp CM9156A Datasheet HTML 5Page - California Micro Devices Corp CM9156A Datasheet HTML 6Page - California Micro Devices Corp CM9156A Datasheet HTML 7Page - California Micro Devices Corp CM9156A Datasheet HTML 8Page - California Micro Devices Corp CM9156A Datasheet HTML 9Page - California Micro Devices Corp CM9156A Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9156A
PRELIMINARY
CIN=COUT=C1=C2=1.0μF, TA=25ºC, unless specified otherwise
Frequency Selection Table
Table 1: Frequency Selection
Startup
1 ms/div
Iin, 200 mA/div
Vout, 2V/div
Vin, 2V/div
Vin=3.8V
Iout=120 mA
100 mV/div
Vin = 3.8V
Output Ripple, 262 kHz
Iout=120 mA
Iout=60 mA
100 mV/div
Vin = 3.8V
Output Ripple, 650 kHz
Iout=60 mA
Switching Frequency
CLK1
CLK2
8kHz
1
0
32kHz
0
0
262kHz
0
1
650kHz
1
1
Typical Performance Curves (cont’d)


Similar Part No. - CM9156A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
CM9156B-01DE CALMIRCO-CM9156B-01DE Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
CM9156B-01MR CALMIRCO-CM9156B-01MR Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
More results

Similar Description - CM9156A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com