Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27213MTD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27213MTD
Description  Single Phase Hysteretic Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27213MTD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM27213MTD Datasheet HTML 1Page - National Semiconductor (TI) LM27213MTD Datasheet HTML 2Page - National Semiconductor (TI) LM27213MTD Datasheet HTML 3Page - National Semiconductor (TI) LM27213MTD Datasheet HTML 4Page - National Semiconductor (TI) LM27213MTD Datasheet HTML 5Page - National Semiconductor (TI) LM27213MTD Datasheet HTML 6Page - National Semiconductor (TI) LM27213MTD Datasheet HTML 7Page - National Semiconductor (TI) LM27213MTD Datasheet HTML 8Page - National Semiconductor (TI) LM27213MTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM27213
Single Phase Hysteretic Buck Controller
General Description
The LM27213 is a single-phase synchronous buck regulator
controller designed to fully support a portable microproces-
sor. On-chip gate drive makes for a compact, single chip
solution. Output currents in excess of 25 Amps are possible.
The IC employs a current mode hysteretic control mecha-
nism. Inductor current is sensed through a low value sense
resistor.
The LM27213 will operate over an input voltage range of 5V
to 30V. The output voltage is programmed through 6 Voltage
Identification (VID) pins and ranges from 0.700V to 1.708V in
64 steps.
Since the error in the output voltage directly sets the inductor
current, the dynamic response to a large, fast load transient
is close to a square wave. This is optimal for mode transition
requirements. Also, due to the intrinsic input voltage feedfor-
ward characteristic of hysteretic control, the line transient
response is excellent as well.
The IC provides cycle-by-cycle peak current limit, over-
voltage protection, and a power good signal. The LM27213
fully supports the Stop CPU and Sleep modes offered by
some processors. When enabled, the IC enters a power-
saving “diode emulator” mode which helps prolong battery
runtime for portable systems.
The LM27213 also has a soft start feature for the external
adjustment of soft start speed.
Features
n
Ideal load and line transient responses
n
5V to 30V input range
n
On-chip gate drive
n
Convenient CLK_EN# signal
n
Input under-voltage lockout
n
High light-load efficiency
n
Adjustable analog soft start
n
Peak current limit
n
Over-voltage protection
n
Error correction for good static accuracy
n ±
1% DAC accurcy over temperature
n
Interfaces with the LM2647 system supply
n
Available in TSSOP or tiny LLP package
Applications
n
Core voltage supply for Low Power Processors
n
Low voltage high current buck regulators
Benefits
n
Single chip core power solution
n
Minimum output capacitance required
n
Low cost, compact design
Typical Application
20154330
February 2006
© 2006 National Semiconductor Corporation
DS201543
www.national.com


Similar Part No. - LM27213MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27213MTD/NOPB TI-LM27213MTD/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
LM27213MTDX/NOPB TI-LM27213MTDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
More results

Similar Description - LM27213MTD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27213 TI-LM27213_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
logo
National Semiconductor ...
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
   Two-Phase Current-Mode Hysteretic Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com