Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7701-EP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC7701-EP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7701-EP Datasheet(HTML) 2 Page - Texas Instruments

  TLC7701-EP Datasheet HTML 1Page - Texas Instruments TLC7701-EP Datasheet HTML 2Page - Texas Instruments TLC7701-EP Datasheet HTML 3Page - Texas Instruments TLC7701-EP Datasheet HTML 4Page - Texas Instruments TLC7701-EP Datasheet HTML 5Page - Texas Instruments TLC7701-EP Datasheet HTML 6Page - Texas Instruments TLC7701-EP Datasheet HTML 7Page - Texas Instruments TLC7701-EP Datasheet HTML 8Page - Texas Instruments TLC7701-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLC7701EP, TLC7705EP, TLC7733EP
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
SGLS013A − MARCH 2003 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
TSSOP − PW
Tape and reel
TLC7701QPWREP
7701QE
−40
°C to 125°C
TSSOP − PW
Tape and reel
TLC7705QPWREP
7705QE
−40 C to 125 C
TSSOP − PW
Tape and reel
TLC7733QPWREP
7733QE
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
‡ The PW package is only available left-end taped and reeled (indicated by the R suffix on the device type;
e.g., TLC7701QPWREP).
FUNCTION TABLE
CONTROL
RESIN
VI(SENSE)>VIT+
RESET
RESET
L
L
False
H
L
L
L
True
H
L
L
H
False
H
L
L
H
True
H
L
False
H
L
H
L
True
H
L
H
H
False
H
L
H
H
True
H
§ RESET and RESET states shown are valid for t > td.
functional block diagram
1.1 V
R2‡
R1‡
RESET†
RESET†
VDD
GND
8
6
5
4
RESIN
CONTROL
SENSE
CT
3
1
2
7
1 M
50
µA
† Outputs are totem-pole configuration. External pullup or pulldown resistors are not required.
‡ Nominal values:
TLC7701
R1 (Typ)
R2 (Typ)
TLC7733
750 k
450 k
ΩΩ
0
TLC7705
910 k
290 k
ΩΩ
logic symbol
¶ This symbol is in accordance with ANSI/IEEE Std 91−1984 and
IEC Publication 617-12.
6
1
3
2
7
SENSE
≥1
≥1
≥1
RESET
5
COMP
S
VIT
S<VIT
Z1
Z2
Z3
RESIN
CT
CONTROL
RESET
3
2
1
1
CX
×


Similar Part No. - TLC7701-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701-EP TI1-TLC7701-EP Datasheet
1Mb / 21P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-EP TI1-TLC7701-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TLC7701-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701 TI-TLC7701 Datasheet
304Kb / 19P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com