Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT82L24 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT82L24
Description  QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82L24 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT82L24 Datasheet HTML 5Page - Exar Corporation XRT82L24 Datasheet HTML 6Page - Exar Corporation XRT82L24 Datasheet HTML 7Page - Exar Corporation XRT82L24 Datasheet HTML 8Page - Exar Corporation XRT82L24 Datasheet HTML 9Page - Exar Corporation XRT82L24 Datasheet HTML 10Page - Exar Corporation XRT82L24 Datasheet HTML 11Page - Exar Corporation XRT82L24 Datasheet HTML 12Page - Exar Corporation XRT82L24 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
áç
áç
áç
áç
XRT82L24
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.2.3
7
18
RDY_DTACK
O
Ready Output (Data Transfer Acknowledge Output).
With Intel bus timing, RDY is asserted "High" to indicate the device has com-
pleted a read or write operation. When configured in Motorola bus timing,
DTACK is asserted Low to indicate the device has completed a read or write
cycle.
67
68
69
70
A[3]
A[2]
A[1]
A[0]
I
Host Mode, Microprocessor Interface Address Bus [3]
Host Mode, Microprocessor Interface Address Bus [2]
Host Mode, Microprocessor Interface Address Bus [1]
Host Mode, Microprocessor Interface Address Bus [0].
56
57
58
59
60
61
62
63
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
I/O
Data Bus[7:0].
Microprocessor read/write data bus pins.
CLOCKS
66
MCLK
I
Master Clock Input.
This signal is an independent 2.048MHz clock with accuracy better than
±50ppm and duty cycle within 40% to 60%. The function of MCLK is to provide
internal timing for the PLL clock recovery circuit, jitter attenuator block, refer-
ence clock during transmit all ones data and timing reference for the micropro-
cessor in Host Mode operation.
If MClk is absent, all receive channels perform as analog front-end (AFE). The
OR-ed RZ data is also available at RxClk output in this mode, instead. The
clock recovery function is disabled.
JITTER ATTENUATOR
56
TXJA
I
Transmit Jitter Attenuator Select.
In Hardware Mode, connect this pin “High” to select jitter attenuator in the trans-
mit path and connect Low to disable jitter attenuator.
Setting RXJA simultaneously "High" also disables jitter attenuator selection.
57
RXJA
I
Receive Jitter Attenuator Select.
In Hardware Mode, connect this pin “High” to select jitter attenuator in the
receive path and connect Low to disable jitter attenuator.
Setting TXJA simultaneously "High" also disables jitter attenuator selection.
CONTROL
8
SR/DR
I
Single rail/Dual Rail Control:
Hardware Mode
Connect this pin “Low” to select transmit and receive data format in dual-rail
mode. In this mode, HDB3 encoder and decoder are not available. Connect this
pin "High" to select single-rail data format.
NOTE: Internally pulled -down with a 50k
Ω resistor.
10
Codes
I
Coding/Decoding Select.
In Hardware Mode, if single-rail data format is selected (pin 8 =”1”), connect
this pin "High" to select AMI encoding and decoding. Connect this pin Low to
select HDB3.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT82L24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82L24A EXAR-XRT82L24A Datasheet
428Kb / 39P
   QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT82L24AIV EXAR-XRT82L24AIV Datasheet
428Kb / 39P
   QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results

Similar Description - XRT82L24

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82L24A EXAR-XRT82L24A Datasheet
428Kb / 39P
   QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL34 EXAR-XRT83SL34 Datasheet
856Kb / 80P
   QUAD T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
   QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL38 EXAR-XRT83SL38 Datasheet
586Kb / 89P
   OCTAL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83SL30 EXAR-XRT83SL30 Datasheet
417Kb / 76P
   SINGLE-CHANNEL T1/E1/J1 SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
   OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
   SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com