Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM9320 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM9320
Description  Asymmetrical High Efficiency Two Channel Boost LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9320 Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM9320 Datasheet HTML 2Page - California Micro Devices Corp CM9320 Datasheet HTML 3Page - California Micro Devices Corp CM9320 Datasheet HTML 4Page - California Micro Devices Corp CM9320 Datasheet HTML 5Page - California Micro Devices Corp CM9320 Datasheet HTML 6Page - California Micro Devices Corp CM9320 Datasheet HTML 7Page - California Micro Devices Corp CM9320 Datasheet HTML 8Page - California Micro Devices Corp CM9320 Datasheet HTML 9Page - California Micro Devices Corp CM9320 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
6
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
05/08/06
CM9320
PRELIMINARY
Pin Descriptions
VIN
CM9320
ISET1
EN
SW
VOUT
LE D2
LE D1
ISET2
PMW
LOGIC
GND
CONTROL
OVP
Q1
Q2
Q4
D1
D2
D4
OSC
BG
UVLO
BIAS
R
ENABLE
PIN DESCRIPTIONS
LEAD(s)
NAME
DESCRIPTION
1
ISET1
Channel 1 LED current set pin. Between this pin and GND connect the RSET1 resistor, calcu-
lated as follows:
where ILED1 is the DC LED current in channel 1.
2
LED1
Pin to cathode of channel 1 LED string.
3
NC
Not internally connected. For better heat flow, connect to GND.
4
ISET2
Channel 2 LED current set pin. Between this pin and GND connect the RSET2 resistor, calcu-
lated as follows:
where ILED2 is the DC LED current in channel 2.
5
LED2
Pin to cathode of channel 2 LED string.
6
VIN
Input supply voltage pin. Bypass with a 10µF or larger ceramic capacitor to ground.
7
GND
Ground terminal pin.
8
SW
Switching node. Internally connected to the drain of the integrated switch.
9
VOUT
Output voltage pin, which connects to the anodes of all LEDs. Bypass with a 1.0µF or greater
ceramic capacitor to ground for low output ripple voltage.
RSET1
()
450
I
LED1 mA
()
-----------------------------
=
RSET2
()
450
ILED2 mA
()
-----------------------------
=
Functional Block Diagram


Similar Part No. - CM9320

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
CM9321-01DE CALMIRCO-CM9321-01DE Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
More results

Similar Description - CM9320

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9311 CALMIRCO-CM9311 Datasheet
294Kb / 10P
   Asymmetrical High Efficiency Two Channel Boost LED/OLED Driver
CM9330 CALMIRCO-CM9330 Datasheet
263Kb / 10P
   Asymmetrical High Efficiency Three Channel Boost LED Driver
CM9321 CALMIRCO-CM9321 Datasheet
219Kb / 11P
   Asymmetrical High Efficiency Three Channel Boost LED/OLED Driver
logo
Skyworks Solutions Inc.
SKY82896 SKYWORKS-SKY82896 Datasheet
209Kb / 3P
   Three-Channel-Two-Channel Boost LED Driver
logo
Alpha & Omega Semicondu...
AOZ1934 AOSMD-AOZ1934 Datasheet
776Kb / 14P
   High Efficiency Boost 20-, 30- LED Driver
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
logo
Kinetic Technologies.
KTD3112 KINETIC-KTD3112 Datasheet
656Kb / 13P
   High Efficiency Boost 2P6S/3P6S LED Driver
October 2015 - Revision 04a
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
Kinetic Technologies.
KTD3116-1 KINETIC-KTD3116-1 Datasheet
1,007Kb / 11P
   High Efficiency Boost 2P8S/3P8S LED Driver
November 2016 - Revision 04a
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com