Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1-L-4.5V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # RK1-L-4.5V
Description  1.5 GHz MICROWAVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RK1-L-4.5V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  RK1-L-4.5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RK1-L-4.5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RK1-L-4.5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RK1-L-4.5V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RK
102
Part No.
RK1-3V
3
2.25
0.3
45
66.7
200
200
3.3
5
3.75
0.5
125
40.7
200
5.5
6
4.5
0.6
180
33.3
200
6.6
9
6.75
0.9
405
22.2
200
9.9
12
9
1.2
720
16.7
200
13.2
RK1-5V
RK1-6V
RK1-9V
RK1-12V
24
18
2.4
2,880
8.3
200
26.4
RK1-24V
RK1R-3V
RK1-4.5V
4.5
3.38
0.45
101
44.4
4.95
RK1R-4.5V
RK1R-5V
RK1R-6V
RK1R-9V
RK1R-12V
RK1R-24V
Nominal
voltage,
V DC
Pick-up
voltage, max.
V DC
Drop-out
voltage, min.
V DC
Coil
resistance,
Ω (±10%)
Nominal
operating
current, mA
Nominal
operating
power, mW
Maximum.
allowable
voltage, V DC
(at 60
°C 140°F)
• Single side stable type
Part No.
RK1-L-3V
3
2.25
2.25
45
66.7
200
3.3
5
3.75
3.75
125
40
200
5.5
6
4.5
4.5
180
33.3
200
6.6
9
6.75
6.75
405
22.2
200
9.9
12
9
9
720
16.7
200
13.2
RK1-L-5V
RK1-L-6V
RK1-L-9V
RK1-L-12V
24
18
18
2.25
3.75
4.5
6.75
9
18
2,880
8.3
200
26.4
RK1-L-24V
RK1R-L-3V
RK1-L-4.5V
4.5
3.38
3.38
101
44.4
200
4.95
RK1R-L-4.5V
RK1R-L-5V
RK1R-L-6V
RK1R-L-9V
RK1R-L-12V
RK1R-L-24V
Nominal
voltage,
V DC
Set
voltage, max.
V DC
Reset
voltage, max.
V DC
Coil
resistance,
Ω (±10%)
Nominal
operating
current, mA
Nominal
operating
power, mW
Maximum.
allowable
voltage, V DC
(at 60
°C 140°F)
• 1 coil latching type
Part No.
RK1-L2-3V
3
2.25
22.5
133.3
400
3.3
5
3.75
62.5
80
400
5.5
6
4.5
90
66.7
400
6.6
9
6.75
202.5
44.4
400
9.9
12
9
360
33.3
400
13.2
RK1-L2-5V
RK1-L2-6V
RK1-L2-9V
RK1-L2-12V
24
18
1,440
16.7
400
26.4
RK1-L2-24V
RK1R-L2-3V
3.38
RK1-L2-4.5V
4.5
3.38
50.6
88.9
400
4.95
RK1R-L2-4.5V
RK1R-L2-5V
RK1R-L2-6V
RK1R-L2-9V
RK1R-L2-12V
RK1R-L2-24V
Nominal
voltage,
V DC
Set
voltage, max.
V DC
Reset
voltage, max.
V DC
Coil
resistance,
Ω (±10%)
Nominal
operating
current, mA
Nominal
operating
power, mW
Maximum.
allowable
voltage, V DC
(at 60
°C 140°F)
• 2 coil latching type
14
–1
+7
N.C.
COM
N.O.
13 12 11 10 9
8
Standard contact arrangement
PC board pattern (Copper-side view)
Schematic (Bottom view)
mm inch
RK1
Single side
stable
(Deenergized
condition)
7.62
.300
10-0.9 dia.
10-.035 dia.
2.54
.100
2.54
.100
(2 coil latching)
Tolerance:
±0.1 ±.003
3-0.6
×0.3
3-.024
×.012
4-0.6
×0.25
4-.024
×.010
3-0.45
3-.018
Stand-off
(2 coil latching)
General tolerance:
±0.3 ±.012
14
6
+
–+
17
RESET
COM
SET
13 12 11 10 9
8
RK1-L2
2 coil
latching
(Reset
condition)
6
+
–+
17
14
SET
COM
RESET
13 12 11 10 9
8
RK1R-L2
14
+1
–7
SET
COM
RESET
13 12 11 10 9
8
RK1R-L
14
–1
+7
N.O.
COM
N.C.
13 12 11 10 9
8
R type contact arrangement
RK1R
7.62
.300
9-0.9 dia.
9-.035 dia.
2.54
.100
2.54
.100
(Single side stable and
1 coil latching)
2-0.6
×0.3
2-.024
×.012
4-0.6
×0.25
4-.024
×.010
3-0.45
3-.018
Stand-off
(Single side stable and
1 coil latching)
14
+1
–7
RESET
COM
SET
13 12 11 10 9
8
RK1-L
1 coil
latching
(Reset
condition)
9.1
.358
7.62
.300
3.5
.138
2.54
.100
0.6
.024
20.2
.795
11.2
.441
TYPES ANE COIL DATA (at 20°C 68°F)
DIMENSIONS


Similar Part No. - RK1-L-4.5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RK1-L12V NAIS-RK1-L12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L212V NAIS-RK1-L212V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L224V NAIS-RK1-L224V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L23V NAIS-RK1-L23V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
RK1-L24.5V NAIS-RK1-L24.5V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
More results

Similar Description - RK1-L-4.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARXP1003 PANASONIC-ARXP1003 Datasheet
156Kb / 5P
   3 GHz MICROWAVE RELAY WITH 60 W CARRYING POWER
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
   1.5GHz MICROWAVE RELAY
logo
Analog Devices
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
   42 GHz Microwave Radio
logo
List of Unclassifed Man...
TAP1500 ETC2-TAP1500 Datasheet
226Kb / 6P
   1.5 GHz Active Probe
logo
Nais(Matsushita Electri...
RA-RELAYS NAIS-RA-RELAYS Datasheet
208Kb / 3P
   MICROWAVE RELAY FOR ATTENUATOR CIRCUIT
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
   43 GHz to 44 GHz Microwave Amplifier
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com