Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN40-24-3PM Datasheet(PDF) 2 Page - Astec America, Inc

Part # ADN40-24-3PM
Description  120-960 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ADN40-24-3PM Datasheet(HTML) 2 Page - Astec America, Inc

  ADN40-24-3PM Datasheet HTML 1Page - Astec America, Inc ADN40-24-3PM Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
191
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Weight
Power
Input Voltage
Current
ADN5-24-3PM
1.7lbs (730g)
120W
380-480VAC
5A
ADN10-24-3PM
2.16lbs (980g)
240W
380-480VAC
10A
ADN20-24-3PM
3.97lbs. (1800g)
480W
380-480VAC
20A
ADN30-24-3PM
4.0lbs (2000g)
720W
380-480VAC
30A
ADN40-24-3PM
6.6lbs (3300g)
960W
380-480VAC
40A
Catalog Number
Dimensions - inches (mm)
H
W
D
ADN5-24-3PM
4.88 (124)
2.91 (73)
4.55 (116)
Catalog Number
Dimensions - inches (mm)
H
W
D
ADN10-24-3PM
4.88 (124)
3.50 (89)
4.55 (116)
ADN20-24-3PM
4.88 (124)
5.90 (150)
4.55 (116)
ADN30-24-3PM
4.88 (124)
9.72 (247)
4.55 (116)
ADN40-24-3PM
4.88 (124)
11.10 (282)
4.55 (116)
Installation
Fusing
-Input
Internally fused.
-Output
Outputs are capable of providing high currents for short periods of time for inductive load startup or switching.
Fusing may be required for wire/loads if 2x Nominal O/P current rating cannot be tolerated. Continuous current
overload allows for reliable fuse tripping.
Mounting
Simple snap-on system for DIN Rail TS35/7.5 or TS35/15 or chassis-mounted (optional screw mounting set SDN-
PMBRK2 required).
Connections
Input: IP20-rated screw terminals, connector size range: 16-10 AWG (1.5-6 mm2) for solid conductors. 16-12
AWG (0.5-4 mm2) for standard conductors. Output: Two connectors per output, connector size range:
16-10 AWG (1.5 - 6mm2) for solid conductors.
Case
Fully enclosed metal housing with fine ventilation grid to keep out small parts.
-Free Space
25mm above and below
25 mm left and right
15 mm in front
70 mm above and below
25 mm left and right
15 mm in front


Similar Part No. - ADN40-24-3PM

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADN40-24-3PM-C ARTESYN-ADN40-24-3PM-C Datasheet
562Kb / 3P
   Total Power: 120-960 Watts
More results

Similar Description - ADN40-24-3PM

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ADN5-24-3PM-C ARTESYN-ADN5-24-3PM-C Datasheet
562Kb / 3P
   Total Power: 120-960 Watts
ADN5-24-1PM-C ARTESYN-ADN5-24-1PM-C Datasheet
516Kb / 3P
   Total Power: 120-960 Watts
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
   120 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
   120 Watts
LPS120 ASTEC-LPS120 Datasheet
209Kb / 3P
   120 Watts
logo
List of Unclassifed Man...
JTDA50-2 ETC1-JTDA50-2 Datasheet
128Kb / 2P
   50 Watts, 36 Volts, 960 - 1215 MHz
logo
Astec America, Inc
NTQ123 ASTEC-NTQ123 Datasheet
252Kb / 2P
   70-120 Watts
logo
Emerson Network Power
ALO EMERSON-NETWORKPOWER-ALO Datasheet
1Mb / 4P
   66/120 Watts
logo
Stealth Microwave, Inc.
SM09296-51LD STEALTH_MICROWAVE-SM09296-51LD Datasheet
153Kb / 3P
   920 - 960 MHz 120 Watt Power Amplifier
logo
Ericsson
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
   60 Watts, 850-960 MHz RF Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com