Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIF25R48N-6 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AIF25R48N-6
Description  700 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF25R48N-6 Datasheet(HTML) 1 Page - Astec America, Inc

  AIF25R48N-6 Datasheet HTML 1Page - Astec America, Inc AIF25R48N-6 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Electrical Specs
Special Features
700 Watts
AIF25R48
• 700W Continuous power at 100°C baseplate
temperature
• High efficiency - 89% @ 28V
• Low output ripple and noise
• Industry standard pin out
• Positive and Negative enable function
• Excellent transient response
• OVP, LVP, OCP,OTP, S/C protection
• Paralleable with accurate current sharing
• Basic Insulation
Environmental
Operating temperature
-20°C to +100°C (Case temperature)
Storage temperature: -55°C to +125°C
Overtemperature protection: 120°C max
MTBF: TBD hours
Input
Input range
36 - 75 VDC
Input Surge
100V / 100ms
Efficiency
89%@28V
Output
Load Regulation
0.5% typical down to min load
Line Regulation
0.2% typical
Noise / Ripple
200mV typical
Remote sense
Up to 0.5V
Output voltage
adjust range
+10%/-20%
Transient Response
3% max for deviation with
25% to 50% full load
500 µS (max) recovery
Current Share Accuracy
5% typical
Overvoltage Protection
140% Vo (max)
Current Limit
140% Io (max)
Control
Voltage Adjust
80 to 110% Vo
Enable
TTL compatible
(positive & negative enable
options)
Notes
Nominal values apply with sense pins connected and other
control pin unconnected.
Specifications subject to change without notice.
Safety
UL
60950 Recognized
CSA
TUV
EN60950 Licensed
CE
CE Mark
Total Power:
700 Watts (28V@25Amps)
Input Voltages:
48V
No. of Outputs:
Single


Similar Part No. - AIF25R48N-6

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIF25R48N-6 EMERSON-NETWORKPOWER-AIF25R48N-6 Datasheet
109Kb / 2P
   700W Continuous power at 100째C baseplate temperature
More results

Similar Description - AIF25R48N-6

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AGF700-48S30LT ARTESYN-AGF700-48S30LT Datasheet
861Kb / 3P
   POWER 700 Watts
logo
SL Power Electronics
MSC-750 SLPOWER-MSC-750 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
logo
Sparkle Power Inc.
SPI700A8BB SPI-SPI700A8BB Datasheet
51Kb / 1P
   700 Watts ATX12V Switching Power Supply
logo
Powerbox
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
Sparkle Power Inc.
R-SPI700GHN SPI-R-SPI700GHN Datasheet
526Kb / 1P
   700 Watts EPS12V & ATX12V Switching Power Supply
FSP700-92MPB SPI-FSP700-92MPB Datasheet
124Kb / 1P
   700 Watts ATX12V, Medical Grade Power Supply
FSP700-80EGN SPI-FSP700-80EGN Datasheet
98Kb / 1P
   700 Watts ATX12V 2.3 Switching Power Supply
SPI700ACH5B SPI-SPI700ACH5B Datasheet
296Kb / 1P
   700 Watts EPS12V & ATX12V Switching Power Supply
FSP700-90MPB SPI-FSP700-90MPB Datasheet
123Kb / 1P
   700 Watts ATX12V, Medical Grade Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com