Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK40A-024L-021F04SM Datasheet(PDF) 2 Page - Astec America, Inc

Part # AK40A-024L-021F04SM
Description  15 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AK40A-024L-021F04SM Datasheet(HTML) 2 Page - Astec America, Inc

  AK40A-024L-021F04SM Datasheet HTML 1Page - Astec America, Inc AK40A-024L-021F04SM Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input Voltage
Output Voltage
Maximum Power
Model Number
18V to 36V
1.5V @ 4A
6.0W
AK40A-024L-015F04SM
18V to 36V
1.8V @ 4A
7.2W
AK40A-024L-018F04SM
18V to 36V
2.1V @ 4A
8.2W
AK40A-024L-021F04SM
18V to 36V
2.5V @ 4A
12.0W
AK40A-024L-025F04SM
18V to 36V
3.3V @ 4A
13.2W
AK40A-024L-033F04SM
18V to 36V
5.0V @ 3A
15.0W
AK40A-024L-050F03SM
18V to 36V
12V @ 1.25A
15.0W
AK40A-024L-120F01SM
36V to 75V
1.5V @ 4A
6.0W
AK40A-048L-015F04SM
36V to 75V
1.8V @ 4A
7.2W
AK40A-048L-018F04SM
36V to 75V
2.1V @ 4A
8.2W
AK40A-048L-021F04SM
36V to 75V
2.5V @ 4A
12.0W
AK40A-048L-025F04SM
36V to 75V
3.3V @ 4A
13.2W
AK40A-048L-033F04SM
36V to 75V
5.0V @ 3A
15.0W
AK40A-048L-050F03SM
36Vto 75V
12V @ 1.25A
15.0W
AK40A-048L-120F01SM
Pin Assignments
Single Output
1.
+Vout
2.
+Vout
3.
+Vout
4.
+Vout
5.
-Vout
6.
-Vout
7.
-Vout
8.
-Vout
9.
Reserved
10. Adjust
11. Reserved
12. Reserved
13. Reserved
14. Reserved
15. Reserved
16. Reserved
17. +Vin
18. Shutdown
19. -Vin
20. Reserved
Notes:
1. All specifications are typical at nominal
input and full load unless otherwise noted.
2. Specification subject to change without
notice.
3. Mechanical drwaings are for reference
only.
4. Minimum Load: 0.2A (min 15%).
5. Max. Capacitice Load: 330 mF.
6. Warranty: 1 yr.
Dimensions:
Single Output:
1"W x 2"L x 0.5"H
Maximum Weight:
Single Output:
20 grams
OCTBER 18, 2002


Similar Part No. - AK40A-024L-021F04SM

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK401-2 ASSMANN-AK401-2 Datasheet
118Kb / 1P
   ASS 7239 CA
AK402-5-R ASSMANN-AK402-5-R Datasheet
85Kb / 1P
   Serial/Parallel Connection Cable
AK402013-R ASSMANN-AK402013-R Datasheet
300Kb / 1P
   plastic housing, M/F, black
logo
Alpha Industries
AK402D4-11 ALPHA-AK402D4-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AK402D4-31 ALPHA-AK402D4-31 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Similar Description - AK40A-024L-021F04SM

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
AK42A-024L-033D025SM ASTEC-AK42A-024L-033D025SM Datasheet
1Mb / 2P
   15 Watts
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
   3 watts to 15 watts
LPW TTELEC-LPW Datasheet
155Kb / 2P
   3 watts to 15 watts
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
logo
Astec America, Inc
AA10C ASTEC-AA10C Datasheet
1Mb / 2P
   10/15 Watts
logo
XP Power Limited
JCM2024S3V3 XPPOWER-JCM2024S3V3 Datasheet
119Kb / 2P
   15/20 Watts
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
   15 Watts JTH Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com