Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIH10H300 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AIH10H300
Description  250 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIH10H300 Datasheet(HTML) 1 Page - Astec America, Inc

  AIH10H300 Datasheet HTML 1Page - Astec America, Inc AIH10H300 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AIH Series
250 Watts
Special Features
• 250W Continuous power at
100°C baseplate temperature
• High efficiency - up to 88%
• Low output ripple and noise
• Positive and Negative
enable function
• Excellent transient response
• Safety isolated low voltage
control and monitoring
• High reliability
• Wide input voltage range
• Paralleable with accurate
current sharing
• Adjustable output voltage
• Regulation to zero load
• Temperature monitor output
• EU Directive 2002/95/EC
compliant for RoHS
Total Power:
250 Watts
(12V @ 20.8A)
Input Voltage:
300V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
250 - 420 VDC
Input surge
450V / 100ms
Efficiency
88% @ 5.0V (typical)
Output
Load Regulation
0.2% typical (5V and above); 10mV for below 5V
Line Regulation
0.2% typical (5V and above); 10mV for below 5V
Noise / ripple
100mV typical (below 5V); 2% typical (5V and above)
Output voltage adjust range +/-20% for 5V and above; +10%/ -50% for below 5V
Transient response
5% max for 3.3V and above150mV for 1.8V, deviation with 25%
to 75% full load 250 μS (max) recovery
Current share accuracy
3% typical
Overvoltage protection
130% Vo (3.3 Vo and 5 Vo); 125% Vo (other Vo)
Current limit
120% Io maximum
Control
Voltage adjust
80 to 120% for 5V and above; +10% / -50% for below 5V
Enable
TTL compatible (positive & negative enable options)
Clock input (external sync)
3.3 to 5.5Vp-p @800 MHz ±5%
Temperature
monitor output
10mV/°K (2.73 = 0°C)
Current monitor output
0 to 1mA (1mA = 100% Io rated)
Notes
Nominal values apply with sense pins disconnected and other control pin unconnected.
UL
60950 Recognized
cUL
60950 Recognized
TUV
EN60950 Licensed
CE
CE Mark
Rev. 07.25.05
AIH Series
1 of 2


Similar Part No. - AIH10H300

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIH10H300 EMERSON-NETWORKPOWER-AIH10H300 Datasheet
139Kb / 2P
   250W Continuous power at 100째C baseplate temperature
logo
Artesyn Technologies
AIH10H300 ARTESYN-AIH10H300 Datasheet
485Kb / 2P
   Total Power: 250 Watts
AIH10H300 ARTESYN-AIH10H300 Datasheet
454Kb / 2P
   Positive and Negative enable function
More results

Similar Description - AIH10H300

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
logo
Anaren Microwave
250-XXXRM-S ANAREN-250-XXXRM-S Datasheet
180Kb / 2P
   250 Watts
logo
Artesyn Technologies
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
   250 Watts
logo
Astec America, Inc
HMFLEX ASTEC-HMFLEX Datasheet
490Kb / 2P
   250-2600 Watts
logo
Artesyn Technologies
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
   Total Power: 250 Watts
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
   Total Power: 250 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com