Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC560GT Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PAC560GT
Description  HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PAC560GT Datasheet(HTML) 3 Page - California Micro Devices Corp

  PAC560GT Datasheet HTML 1Page - California Micro Devices Corp PAC560GT Datasheet HTML 2Page - California Micro Devices Corp PAC560GT Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
©2000 California Micro Devices Corp. All rights reserved.
2/00
3
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CALIFORNIA MICRO DEVICES
PACGTL
RECOMMENDED LAYOUT FOR SOCKET 370 (OPTION B)
FOR CELERON™ AND MENDOCINO™ CPUs
Note: This option requires 2 metal layers in board routing for all 119 GTL termination lines. Please note that the second layer only
uses 6 short traces, minimizing potencial interference with other traces, and also minimizing the number of vias.


Similar Part No. - PAC560GT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC560GTL CALMIRCO-PAC560GTL Datasheet
254Kb / 3P
   HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
More results

Similar Description - PAC560GT

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC560GTL CALMIRCO-PAC560GTL Datasheet
254Kb / 3P
   HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
PACRG CALMIRCO-PACRG Datasheet
88Kb / 3P
   P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
   HIGH PERFORMANCE BUS TERMINATION NETWORK
PACRAMBUS-1 CALMIRCO-PACRAMBUS-1 Datasheet
117Kb / 3P
   HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
logo
AAEON Technology
PCM-6894 AAEON-PCM-6894 Datasheet
706Kb / 1P
   imageSupports Socket 370-based Intel짰 Pentium짰 III/ Celeron짰 Processors
HSB-660S AAEON-HSB-660S Datasheet
987Kb / 2P
   Supports Socket 370-based Intel짰 Pentium짰 III and Celeron짰 Processors
logo
National Semiconductor ...
LM3460-12 NSC-LM3460-12 Datasheet
172Kb / 8P
   Precision Controller for GTLp and GTL Bus Termination
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
List of Unclassifed Man...
KPT06J14-18P ETC2-KPT06J14-18P Datasheet
326Kb / 31P
   High performance, Crimp termination, Closed entry socket contacts
logo
STMicroelectronics
RCD16-47B STMICROELECTRONICS-RCD16-47B Datasheet
66Kb / 7P
   RCD NETWORK FOR BUS TERMINATION
October 1998 - Ed : 2A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com