Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5W816TP-85HI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M5M5W816TP-85HI
Description  8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5W816TP-85HI Datasheet(HTML) 4 Page - Renesas Technology Corp

  M5M5W816TP-85HI Datasheet HTML 1Page - Renesas Technology Corp M5M5W816TP-85HI Datasheet HTML 2Page - Renesas Technology Corp M5M5W816TP-85HI Datasheet HTML 3Page - Renesas Technology Corp M5M5W816TP-85HI Datasheet HTML 4Page - Renesas Technology Corp M5M5W816TP-85HI Datasheet HTML 5Page - Renesas Technology Corp M5M5W816TP-85HI Datasheet HTML 6Page - Renesas Technology Corp M5M5W816TP-85HI Datasheet HTML 7Page - Renesas Technology Corp M5M5W816TP-85HI Datasheet HTML 8Page - Renesas Technology Corp M5M5W816TP-85HI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M5M5W816TP - 55HI, 70HI, 85HI
2002.08.30
Ver. 6.1
8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
3
ABSOLUTE MAXIMUM RATINGS
pF
10
VI=GND, VI=25mVrms, f =1MHz
VO
=GND,VO=25mVrms, f =1MHz
CI
CO
Symbol
Parameter
Limits
Conditions
Units
µA
mA
mA
V
Icc1
Icc2
Icc4
VIH
VIL
IO
Icc3
VOH
IOH= - 0.5mA
VOL
IOL=2mA
II
VI =0 ~ Vcc
BC1# and BC2#=VIH or S#=VIH or OE#=VIH, VI/O=0 ~ Vcc
Vcc+0.2V
0.6
2.2
-0.2 *
2.4
2
0.4
±1
50
30
±1
15
Max
Typ
Min
DC ELECTRICAL CHARACTERISTICS
f = 10MHz
f = 1MHz
-
-
-
-
-
Supply v oltage
Input v oltage
Output v oltage
Power dissipation
Operating
Storage temperature
V
mW
Conditions
Ta=
25°C
700
- 65 ~ +150
Ratings
Vcc
VI
VO
Pd
T a
T stg
-0.3* ~ +4.6
-0.3* ~ Vcc + 0.3 (max. 4.6V)
0 ~ Vcc
Symbol
Parameter
Units
- 40 ~ +85
With respect to GND
f = 10MHz
f = 1MHz
5
50
30
15
5
-
With respect to GND
With respect to GND
( Vcc=2.7 ~ 3.6V, unless otherwise noted)
High-lev el input v oltage
Low-lev el input v oltage
High-lev el output v oltage
Low-lev el output v oltage
Input leakage current
Output leakage current
Activ e supply c urrent
( AC,MOS lev el )
( AC,TTL lev el )
Activ e supply c urrent
Stand by s upply current
( AC,MOS lev el )
( AC,TTL lev el )
Stand by s upply current
Other inputs= 0 ~ Vcc
Note 1: Direction for current flowing into IC is indicated as positive (no mark).
Note 2: Typical parameter indicates the value for the center of distribution at 3.0V, and not 100% tested.
CAPACITANCE
(Vcc=2.7 ~ 3.6V, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Max
Typ
Min
Units
Input capacitance
Output capacitance
* -3.0V in case of AC (Pulse width < 30ns)
BC1# and BC2# < 0.2V, S# < 0.2V
other inputs < 0.2V or
> Vcc-0.2V
Output - open (duty 100%)
BC1# and BC2#=V IL , S#=V IL
other pins =V IH or VIL
Output - open (duty 100%)
BC1# and BC2# = VIH or S# = VIH
* -1.0V in case of AC (Pulse width
< 30ns)
10
°C
°C
µA
20
~ +70°C
~ +40°C
0.5
-
-
-
~ +85°C
~ +25°C
-
1.0
5
8
-
-
40
(1) S# > Vcc - 0.2V,
other inputs = 0 ~ Vcc
BC1# and BC2# > Vcc - 0.2V
S# < 0.2V
(2)
other inputs = 0 ~ Vcc
CAPACITANCE
DC ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
3
temperature


Similar Part No. - M5M5W816TP-85HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5W816TP-85HI MITSUBISHI-M5M5W816TP-85HI Datasheet
68Kb / 9P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5W816TP-85HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5W816WG-85HI MITSUBISHI-M5M5W816WG-85HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816TP-70HI MITSUBISHI-M5M5W816TP-70HI Datasheet
68Kb / 9P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W816WG RENESAS-M5M5W816WG Datasheet
155Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y816WG-70HI MITSUBISHI-M5M5Y816WG-70HI Datasheet
87Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-85L MITSUBISHI-M5M5W816WG-85L Datasheet
87Kb / 8P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-70HI MITSUBISHI-M5M5W816WG-70HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W817KT-70HI RENESAS-M5M5W817KT-70HI Datasheet
149Kb / 11P
   8388608-BIT (524288-WORD BY 16-BIT / 10485776-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M532R16J-10 MITSUBISHI-M5M532R16J-10 Datasheet
74Kb / 8P
   524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V32R16J-10 MITSUBISHI-M5M5V32R16J-10 Datasheet
74Kb / 8P
   524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V408BFP-85L MITSUBISHI-M5M5V408BFP-85L Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com