Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACVGA203QR Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # PACVGA203QR
Description  VGA Port Companion Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACVGA203QR Datasheet(HTML) 4 Page - California Micro Devices Corp

  PACVGA203QR Datasheet HTML 1Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 2Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 3Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 4Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 5Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 6Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 7Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
12/07/04
PACVGA203
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
VCC1,VCC2,VCC3, and VCC4 Supply Voltage
[GND - 0.5] to +6.0
V
Diode D1 Forward DC Current
100
µA
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
DC Voltage at Inputs
VIDEO_1, VIDEO_2, VIDEO_3
TERM_1, TERM_2, TERM_3
DDC_IN1, DDC_IN2
DDC_OUT1, DDC_OUT2
SYNC_IN1, SYNC_IN2
(GND - 0.5) to (VCC1 + 0.5)
-6.0, +6.0
(GND - 0.5) to (VCC2 + 0.5)
(GND - 0.5) to (VCC3 + 0.5)
(GND - 0.5) to (VCC4 + 0.5)
V
V
V
V
V
Package Power Rating
1000
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
0 to +70
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC1
VCC1 Supply Current
VCC1 = 5.0V, VIDEO inputs at VCC1 or GND
level
10
µA
ICC2,
ICC3
VCC2 & VCC3 Supply
Current
VCC2 = VCC3 = 5.0V
10
µA
ICC4
VCC4 Supply Current
VCC4 = 5.0V; SYNC inputs at GND or VCC4
level; PWR-UP pin at VCC4; SYNC outputs
unloaded
10
µA
VCC4 = 5.0V; SYNC inputs at 3.0V; PWR-UP
pin at VCC4; SYNC outputs unloaded
200
µA
VCC4 = 5.0V; PWR-UP input at GND; SYNC
outputs unloaded
10
µA
VBIAS
VBIAS Open Circuit Voltage No external current drawn from VBIAS pin
VCC4-0.8
V
RT
Video Termination
Resistance
71.25
75
78.75
RT Resistance Matching
1
2
%


Similar Part No. - PACVGA203QR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
PACVGA200 ONSEMI-PACVGA200 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA200Q CALMIRCO-PACVGA200Q Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA200QR ONSEMI-PACVGA200QR Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
More results

Similar Description - PACVGA203QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com