Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACVGA203QR Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # PACVGA203QR
Description  VGA Port Companion Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACVGA203QR Datasheet(HTML) 6 Page - California Micro Devices Corp

  PACVGA203QR Datasheet HTML 1Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 2Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 3Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 4Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 5Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 6Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 7Page - California Micro Devices Corp PACVGA203QR Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
12/07/04
PACVGA203
Test Circuit Information
Average Current through VCC4 (ICC4)
The circuit in Figure 1 was used to characterize ICC4 current as SYNC_IN signal frequency varies. A square wave
signal was connected to the input of one of the SYNC buffers (i.e. pin 19 or pin 21). The frequency of this signal
was varied between 0 and 100 kHz. The risetime and falltime was kept constant at 10ns. Three different values of
C1 were used: 0pF, 50pF and 100pF. The results are plotted in Figure 2.
Figure 1. Sync Buffer ICC4 Test Circuit
Figure 2. ICC4 vs. SYNC_IN Frequency Performance Data
0V
VCC4
+5V
SYNC_IN
ICC4
C1
SYNC_OUT
3.3V
ICC4 vs. SYNC_IN Frequency
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
Frequency, kHz
100pF
50pF
0pF


Similar Part No. - PACVGA203QR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
PACVGA200 ONSEMI-PACVGA200 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA200Q CALMIRCO-PACVGA200Q Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
logo
ON Semiconductor
PACVGA200QR ONSEMI-PACVGA200QR Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
More results

Similar Description - PACVGA203QR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACVGA201 ONSEMI-PACVGA201 Datasheet
99Kb / 8P
   VGA Port Companion Circuit
May 2010 Rev. 3
logo
Unisonic Technologies
CCVGA7C5 UTC-CCVGA7C5 Datasheet
181Kb / 6P
   VGA PORT COMPANION CIRCUIT
logo
California Micro Device...
PACVGA200 CALMIRCO-PACVGA200 Datasheet
131Kb / 3P
   VGA PORT COMPANION CIRCUIT
CM2009 CALMIRCO-CM2009 Datasheet
116Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200_11 Datasheet
167Kb / 8P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
logo
California Micro Device...
PACVGA201 CALMIRCO-PACVGA201 Datasheet
129Kb / 3P
   VGA PORT COMPANION CIRCUIT
PACVGA105 CALMIRCO-PACVGA105 Datasheet
91Kb / 6P
   VGA Port Companion Circuit
logo
ON Semiconductor
PACVGA200 ONSEMI-PACVGA200 Datasheet
129Kb / 10P
   VGA Port Companion Circuit
May 2010 Rev. 2
CM2009 ONSEMI-CM2009 Datasheet
140Kb / 6P
   VGA Port Companion Circuit
May, 2012 ??Rev. 5
PACVGA105 ONSEMI-PACVGA105_11 Datasheet
120Kb / 6P
   VGA Port Companion Circuit
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com