Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACUSB-D1YB5R Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACUSB-D1YB5R
Description  USB Downstream Port Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-D1YB5R Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACUSB-D1YB5R Datasheet HTML 1Page - California Micro Devices Corp PACUSB-D1YB5R Datasheet HTML 2Page - California Micro Devices Corp PACUSB-D1YB5R Datasheet HTML 3Page - California Micro Devices Corp PACUSB-D1YB5R Datasheet HTML 4Page - California Micro Devices Corp PACUSB-D1YB5R Datasheet HTML 5Page - California Micro Devices Corp PACUSB-D1YB5R Datasheet HTML 6Page - California Micro Devices Corp PACUSB-D1YB5R Datasheet HTML 7Page - California Micro Devices Corp PACUSB-D1YB5R Datasheet HTML 8Page - California Micro Devices Corp PACUSB-D1YB5R Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
3
PACUSB-D1/D2/D3
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
Power Dissipation per Resistor
100
mW
Package Power Dissipation
200
mW
Voltage on any pin (DC)
6
V
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature
-40 to +85
°C


Similar Part No. - PACUSB-D1YB5R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSB-D1YB5R ONSEMI-PACUSB-D1YB5R Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
More results

Similar Description - PACUSB-D1YB5R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
   USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
   USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
   USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
ON Semiconductor
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com