Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXD2020H Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MXD2020H
Description  Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MXD2020H Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MXD2020H Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD2020H Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD2020H Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD2020H Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD2020H Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD2020H Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD2020H Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MEMSIC MXD2020G/M/N/H Rev.E
Page 3 of 7
3/25/2005
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD, VDA) ………………...-0.5 to +7.0V
Storage Temperature ……….…………-65
°C to +150°C
Acceleration ……………………………………..50,000 g
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; the functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Pin Description: LCC-8 Package
Pin
Name
Description
1
TOUT
Temperature (Analog Voltage)
2
DOUTY
Y-Axis Acceleration Digital Signal
3
Gnd
Ground
4
VDA
Analog Supply Voltage
5
DOUTX
X-Axis Acceleration Digital Signal
6
Vref
2.5V Reference
7
Sck
Optional External Clock
8
VDD
Digital Supply Voltage
Ordering Guide
Model
Package Style
Digital
Output
Temperatu
re Range
MXD2020GL
LCC8
RoHS compliant
100 Hz
0 to 70
°C
MXD2020GF
LCC8, Pb-free
100 Hz
0 to 70
°C
MXD2020HL
LCC8
RoHS compliant
400Hz
0 to 70
°C
MXD2020HF
LCC8, Pb-free
400Hz
0 to 70
°C
MXD2020ML
LCC8
RoHS compliant
100 Hz
-40 to 105
°
MXD2020MF
LCC8, Pb-free
100 Hz
-40 to 105
°
MXD2020NL
LCC8
RoHS compliant
400 Hz
-40 to 105
°
MXD2020NF
LCC8, Pb-free
400 Hz
-40 to 105
°
All parts are shipped in tape and reel packaging.
Caution: ESD (electrostatic discharge) sensitive device.
8
4
1
2
3
7
6
5
Top View
X +g
Y +g
Note: The MEMSIC logo’s arrow indicates the +X sensing
direction of the device. The +Y sensing direction is rotated 90°
away from the +X direction following the right-hand rule.
Small
circle indicates pin one(1).
THEORY OF OPERATION
The MEMSIC device is a complete dual-axis acceleration
measurement system fabricated on a monolithic CMOS IC
process. The device operation is based on heat transfer by
natural convection and operates like other accelerometers
having a proof mass. The proof mass in the MEMSIC
sensor is a gas.
A single heat source, centered in the silicon chip is
suspended across a cavity. Equally spaced
aluminum/polysilicon thermopiles (groups of
thermocouples) are located equidistantly on all four sides of
the heat source (dual axis). Under zero acceleration, a
temperature gradient is symmetrical about the heat source,
so that the temperature is the same at all four thermopiles,
causing them to output the same voltage.
Acceleration in any direction will disturb the temperature
profile, due to free convection heat transfer, causing it to be
asymmetrical. The temperature, and hence voltage output
of the four thermopiles will then be different. The
differential voltage at the thermopile outputs is directly
proportional to the acceleration. There are two identical
acceleration signal paths on the accelerometer, one to
measure acceleration in the x-axis and one to measure
acceleration in the y-axis. Please visit the MEMSIC
website at www.memsic.com for a picture/graphic
description of the free convection heat transfer principle.


Similar Part No. - MXD2020H

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXD2020H MEMSIC-MXD2020H Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXD2020HF MEMSIC-MXD2020HF Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXD2020HL ETC-MXD2020HL Datasheet
289Kb / 7P
   Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXD2020HL MEMSIC-MXD2020HL Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
More results

Similar Description - MXD2020H

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020ML ETC-MXD2020ML Datasheet
289Kb / 7P
   Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXA2500G MEMSIC-MXA2500G Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
logo
List of Unclassifed Man...
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
   Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
logo
MEMSIC Semiconductor (T...
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
   Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXR2999G MEMSIC-MXR2999G Datasheet
179Kb / 6P
   Improved 짹1 g Dual Axis Accelerometer with Ratiometric Outputs
Rev.G
MXD2020E MEMSIC-MXD2020E Datasheet
227Kb / 8P
   Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com