Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA105-KJ-003 Datasheet(PDF) 1 Page - Astec America, Inc

Part # APA105-KJ-003
Description  Demo Boards are available to enable users to evaluate AMPSS짰 modules.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA105-KJ-003 Datasheet(HTML) 1 Page - Astec America, Inc

  APA105-KJ-003 Datasheet HTML 1Page - Astec America, Inc APA105-KJ-003 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA: 1-888-41-ASTEC
Europe (UK): 01384-842211
Asia (HK): 852-2437-9662
200
Demo Boards are available to enable
users to evaluate AMPSS® modules.
Please note when ordering Demo
Boards that the modules are not
included and should be ordered
seperately.
AMPSS®
DemoBoard
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
AMPSS Demo Boards
Part Number
Description
APA105-ML-001
For use with AL60A Series 48V input
APA105-ML-002
For use with AL60A Series 300V input
APA105-ML-003
For use with AM80A, BM80A and AL80A Series 24V/48V input
APA105-ML-004
For use with AM80A, BM80A and AL80A Series 300V input
APA105-KJ-001
For use with AK60A & BK60A Series 24V/48V input
APA105-KJ-002
For use with AK60A Series 300V input
APA105-KJ-003
For use with AK80A, Series 24V/48V input
APA105-KJ-004
For use with AK80A, Series 300V input
APA105-KC-001
For use with AK60C, BK60C, AV60C single output, AEH10-30
series, 48V input
ThermalPads
APA502-80-001
THERMSTRATE® thermal pads
to fit AMPSS® modules provide
a clean and effective alterna-
tive to thermal compound for
interfacing the heatsink to the
module. Thermal resistance is
0.1
°C/W.
Description
Part Number
Description
Part Number
Thermal Pad, 80 size
APA502-80-001
Thermal Pad, 60 size
APA502-60-001
Note: These thermal pads do not provide electrical isolation.
APA502-60-001
APA105-ML-004
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION


Similar Part No. - APA105-KJ-003

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APA100 ASTEC-APA100 Datasheet
1Mb / 2P
   Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
APA100-101 ASTEC-APA100-101 Datasheet
1Mb / 2P
   Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
APA100-102 ASTEC-APA100-102 Datasheet
1Mb / 2P
   Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
APA100-103 ASTEC-APA100-103 Datasheet
1Mb / 2P
   Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
APA100-104 ASTEC-APA100-104 Datasheet
1Mb / 2P
   Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
More results

Similar Description - APA105-KJ-003

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007086 MA-COM-MAAD-007086 Datasheet
719Kb / 7P
   Test Boards are Available
logo
Silicon Laboratories
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
logo
List of Unclassifed Man...
IS-L02L10-C-ISC15ANP4 ETC2-IS-L02L10-C-ISC15ANP4 Datasheet
734Kb / 11P
   OLED Logic Boards Users Manual
logo
Silicon Laboratories
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com