Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC08G03 Datasheet(PDF) 2 Page - Astec America, Inc

Part # APC08G03
Description  30 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08G03 Datasheet(HTML) 2 Page - Astec America, Inc

  APC08G03 Datasheet HTML 1Page - Astec America, Inc APC08G03 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Output
Efficiency
Model Number
Voltage
Voltage
Full Load
1.8V-6.0V
0.9V @ 8A
76% (Typ)*
APC08J03
1.8V-6.0V
1.2V @ 8A
81% (Typ)
APC08K03
1.8V-6.0V
1.5V @ 8A
86% (Typ)
APC08M03
2.2V-6.0V
1.8V @ 8A
88% (Typ)
APC08Y03
3.0V-6.0V
2.5V @ 8A
91% (Typ)
APC08G03
4.0V-6.0V
3.3V @ 8A
93% (Typ)
APC08F03
5.0V-13.0V
0.9V @ 8A
75% (Typ)
APC08J08
5.0V-13.0V
1.2V @ 8A
81% (Typ)
APC08K08
5.0V-13.0V
1.5V @ 8A
84% (Typ)
APC08M08
5.0V-13.0V
1.8V @ 8A
86% (Typ)
APC08Y08
5.0V-13.0V
2.5V @ 8A
90% (Typ)
APC08G08
5.0V-13.0V
3.3V @ 8A
92% (Typ)
APC08F08
7.5V-13.0V
5.0V @ 5A
94% (Typ)
APC05A08New
8.5V-13.0V
6.0V @ 4A
95% (Typ)
APC04S08New
* Typical Efficiency is measured at full load, mid range input and at TA=25 ºC
Options: suffix
“-9”
= Output Trim option
suffix
“-9MA” = Output Trim with Ishare and PGood options
suffix
“-J”
= Jedec Style Tray Packaging (Default packaging is T&R with no “-J” suffix required)
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Mechanical Dimensions
Tolerances:
x.xx +/- 0.02 in (x.x +/- 0.5mm)
x.xxx +/- 0.010 in (x.xx +/- 0.25mm
Note:
1. Specifications given are typical values at nominal
conditions.
2. The Technical Reference Notes should be
consulted for detailed information.
3. Specifications subject to change without notice.
Mechanical drawings are for reference only
Pin Side Down [dimensions in mm]
Optional Pins:
PGood - Power Good Logic Signal
P - Active Current Share Pin
Trim - Trim Pin
Typ


Similar Part No. - APC08G03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08G03 ASTEC-APC08G03 Datasheet
2Mb / 23P
   Non-Isolated DC/DC Power Module
APC08G03-9 ASTEC-APC08G03-9 Datasheet
2Mb / 23P
   Non-Isolated DC/DC Power Module
APC08G03-9MA ASTEC-APC08G03-9MA Datasheet
2Mb / 23P
   Non-Isolated DC/DC Power Module
APC08G03-J ASTEC-APC08G03-J Datasheet
2Mb / 23P
   Non-Isolated DC/DC Power Module
APC08G03-W ASTEC-APC08G03-W Datasheet
2Mb / 23P
   Non-Isolated DC/DC Power Module
More results

Similar Description - APC08G03

ManufacturerPart #DatasheetDescription
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
   30 Watts
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
   30 Watts
logo
Astec America, Inc
AK60C ASTEC-AK60C Datasheet
602Kb / 2P
   30 Watts
ALT06F48 ASTEC-ALT06F48 Datasheet
156Kb / 2P
   25-30 Watts
logo
Artesyn Technologies
LDO06C-005W05-VJ ARTESYN-LDO06C-005W05-VJ_15 Datasheet
671Kb / 4P
   POWER 30 Watts
logo
XP Power Limited
JTL3048S15 XPPOWER-JTL3048S15 Datasheet
291Kb / 2P
   30 Watts JTL Series
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
   30 Watts RDC Series
logo
Astec America, Inc
AUK11M48 ASTEC-AUK11M48 Datasheet
90Kb / 2P
   30 Watts Embedded Power
logo
Power Mate Technology C...
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
   30 WATTS OUTPUT POWER
logo
XP Power Limited
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com