Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS650-9 Datasheet(PDF) 4 Page - Astec America, Inc

Part # DS650-9
Description  650 Watts 48V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DS650-9 Datasheet(HTML) 4 Page - Astec America, Inc

  DS650-9 Datasheet HTML 1Page - Astec America, Inc DS650-9 Datasheet HTML 2Page - Astec America, Inc DS650-9 Datasheet HTML 3Page - Astec America, Inc DS650-9 Datasheet HTML 4Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 01.19.06
DS650-9
4of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
DC Output Connector Pinout Assignment
P
Piin
n
S
Siig
gn
na
all N
Na
am
me
e
PB 1
+48V RETURN
PB 2
+48V RETURN
PB 3
+48V RETURN
PB 4
+48V
PB 5
+48V
PB 6
+48V
A1
PS_ON
A2
+48V RMT SENSE RETURN
A3
TEMP_OK
A4
PS_SEATED ( Power Supply Seated)
A5
+3V3 STAND-BY
A6
+3V3SB RETURN
B1
AC_OK (AC Input Present)
B2
+48V RMT SENSE
B3
+48V CURRENT SHARE
B4
PS_INHIBIT
B5
+3V3 STAND-BY
B6
+3V3SB RETURN
C1
SDA (I2C Data Signal)
C2
SCL (I2C Clock Signal)
C3
POWER GOOD
C4
FAN FAIL (Fan Fail Signal)
C5
+3V3 STAND-BY
C6
+3V3SB RETURN
D1
A0 (I2C Address BIT 0 Signal)
D2
A1 (I2C Address BIT 1 Signal)
D3
S_INT (Alarm)
D4
+3V3 STAND-BY RMT SENSE
D5
+3V3 STAND-BY
D6
+3V3SB RETURN
P
P1
1 -- P
Po
ow
we
err S
Su
up
pp
pllyy S
Siid
de
e
1. FCI Power Blade 51721 series
51721-10002406AA
2. Molex Power Connector
SD-87667 series
87667-7002
M
Ma
attiin
ng
g C
Co
on
nn
ne
ecctto
orr ((S
Syysstte
em
m ssiid
de
e))
1.FCI Power Blade
51741-10002406CC
Strait Pins
2.FCI Power Blade
51761-10002406AA
Right Angle
D1
D2
D3
D4
D5
D6
PB1 PB2 PB3 PB4 PB5 PB6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
A1
A2
A3
A4
A5
A6
Male connector as viewed from the rear of the supply:


Similar Part No. - DS650-9

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS650-9 ARTESYN-DS650-9 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS650-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS650-3 ASTEC-DS650-3 Datasheet
100Kb / 4P
   650 Watts 12V
logo
XP Power Limited
HCP650PS05 XPPOWER-HCP650PS05 Datasheet
305Kb / 8P
   6503000 Watts
logo
Astec America, Inc
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
   850 Watts 48V Distributed Power System
logo
XP Power Limited
HCP650 XPPOWER-HCP650 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
632Kb / 4P
   650-1200 Watts MHP Series
logo
Sparkle Power Inc.
FSP650-802U SPI-FSP650-802U Datasheet
302Kb / 2P
   650 Watts, 2U Switching Power Supply
FSP400-60DL SPI-FSP400-60DL Datasheet
74Kb / 1P
   300 Watts -48V DC Input ATX12V Switching Power Supply
FSP300-60DL SPI-FSP300-60DL Datasheet
77Kb / 1P
   300 Watts -48V DC Input ATX12V Switching Power Supply
FSP650-80GLC SPI-FSP650-80GLC Datasheet
103Kb / 1P
   650 Watts EPS12V & ATX12V Switching Power Supply
FSP150-60DL SPI-FSP150-60DL Datasheet
72Kb / 1P
   150 Watts 48V DC Input Flex ATX Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com