Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSLB-S245A Datasheet(PDF) 3 Page - Hitachi Metals, Ltd

Part # FSLB-S245A
Description  2012 Size Band Pass Filter for W-LAN/Bluetooth High Attenuation type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLB-S245A Datasheet(HTML) 3 Page - Hitachi Metals, Ltd

  FSLB-S245A Datasheet HTML 1Page - Hitachi Metals, Ltd FSLB-S245A Datasheet HTML 2Page - Hitachi Metals, Ltd FSLB-S245A Datasheet HTML 3Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
START
8 0 0 . 0 0 0 0 0 0 MHz
STOP 2 8 0 0 . 0 0 0 0 0 0 MHz
1
2
CH2
S
2 1
l o g MAG
REF 0 d B
. 5 d B/
START 2 0 0 0 . 0 0 0 0 0 0 MHz
STOP 3 0 0 0 . 0 0 0 0 0 0 MHz
1
2
3
2 _ : - 1 . 5 6 4 4 d B
2 4 5 0 . 0 0 0 0 0 0 MHz
1 _ : - 1 . 7 9 1 7 d B
2 . 4 GHz
3 _ : - 1 . 5 3 2 3 d B
2 . 5 GHz
1
2
3
4
5
6
7
8
9
1 0
CH2
S
2 1
l o g MAG
REF 0 d B
1 0 d B/
START
. 5 0 0 0 0 0 0 0 0 GHz
STOP
9 . 0 0 0 0 0 0 0 0 0 GHz
1
2
3
4
4 _ : - 3 5 . 3 8 4 d B
7 . 5 0 0 0 0 0 0 0 0 GHz
1 _ : - 2 7 . 4 8 3 d B
4 . 8 GHz
2 _ : - 2 9 . 7 9 9 d B
5 GHz
3 _ : - 3 7 . 3 4 5 d B
7 . 2 GHz
1 . 7 1 GHz
1 . 8 8 GHz
3 _ - 3 1 . 4 2 4 d B
4 _ - 3 2 . 8 8 9 d B
2 . 4 GHz
9 _ - 1 . 7 8 3
d B
1 . 9 2 GHz
1 . 9 8 GHz
2 . 1 1 GHz
2 . 1 7 GHz
5 _ - 3 4 . 9 9 8 d B
6 _ - 4 2 . 0 5
d B
7 _ - 2 0 . 8 0 8 d B
8 _ - 1 4 . 1 2 4 d B
8 8 0 MHz
9 6 0 MHz
1 _ - 3 5 . 5 6 3 d B
2 _ - 3 7 . 2 2 2 d B
1
3
2
1 1
2 . 5 GHz
1 1 _ - 1 . 5 1 9 d B
2 . 4 5 GHz
1 0 _ - 1 . 5 4 4 d B
1 _ - 3 1 . 3 6 5 d B
2 . 4 GHz
2 _ - 2 2 . 0 9 6 d B
2 . 4 5 GHz
3 _ - 1 6 . 9 4 4 d B
2 . 5 GHz
Typical data
Typical data
Attenuation
Insertion Loss
Suprious
Return loss
GSM
DCS 1800
W-CDMA
W-LAN/Bluetooth
Attenuation value
0
10
20
30
40
50
0
10
20
30
(dB)
0
0.5
1.0
1.5
2.0
(dB)
0
10
20
30
40
(dB)
Page-No. 3/3
Data-No.2MT44087


Similar Part No. - FSLB-S245A

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
More results

Similar Description - FSLB-S245A

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESLB-S540A HITACHI-METALS-ESLB-S540A Datasheet
96Kb / 4P
   2012 Size Chip Band Pass Filter
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
logo
TDK Electronics
DEA162500LT-1217A1 TDK-DEA162500LT-1217A1 Datasheet
58Kb / 5P
   Multilayer Low Pass Filters For 2.4GHz W-LAN/Bluetooth
logo
Hitachi Metals, Ltd
FSLL-S240E HITACHI-METALS-FSLL-S240E Datasheet
54Kb / 4P
   2012 Size Chip Low Pass Filter
logo
TDK Electronics
DEA255375BT TDK-DEA255375BT Datasheet
57Kb / 2P
   Multilayer Chip Band Pass Filters For 5.0GHz W-LAN
logo
Vectron International, ...
TFS52 VECTRON-TFS52 Datasheet
47Kb / 2P
   Minimum of the pass band attenuation
logo
WALSIN TECHNOLOGY CORPO...
BF1511B394101AT WALSIN-BF1511B394101AT Datasheet
329Kb / 4P
   Low loss, Low pass band ripple, High Attenuation
BF1511B394101BT WALSIN-BF1511B394101BT Datasheet
328Kb / 4P
   Low loss, Low pass band ripple, High Attenuation
logo
Murata Power Solutions ...
LBEE5ZSTNC-523 MURATA-PS-LBEE5ZSTNC-523 Datasheet
1Mb / 34P
   W-LAN Bluetooth Combo Module
logo
Murata Manufacturing Co...
SP-XV1XA-G MURATA1-SP-XV1XA-G Datasheet
2Mb / 42P
   W-LANBluetooth Combo Module
Rev. G Feb. 1 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com