Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSLC-090P Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # FSLC-090P
Description  900 MHz Band Chip Multilayer 90deg. / 3dB Splitter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLC-090P Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  FSLC-090P Datasheet HTML 1Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HITACHI
METALS
900 MHz Band Chip Multilayer 90deg. / 3dB Splitter
Model No. FSLC-090P
Equivalent Circuits
Specifications
Shape & Size
Isolation
4.2dB Max
14dB Min. 5W Max.
Range(MHz)
Frequency Insertion Loss
Handling
Power
Temperature
Range
800-900
Return Loss
14dB Min.
Phase Balance
90 +/- 4deg.
6: Out1(0deg. )
1.6
In
Isolation Port
unit (mm)
4
3
1
4:
3:
1:
6
Dot
1.1
3
6
1
4
Out2(90deg. )
including
Splitting Loss
Typical Data
Measurement Circuit
C: 0.5pF (2012type)
0
1
2
(dB)
Frequency (MHz)
0
10
20
30
(dB)
Insertion Loss
900
950
700
800
4
6
FSLC-090P
C
C
Out1(0deg. )
In
1
Out2(90deg. )
3
50 ohm
850
3
4
86
88
(deg)
Frequency (MHz)
0
10
20
30
(dB)
Phase Balance
Isolation
900
950
700
800
850
Input Return Loss
Out1(0deg. )
Out2(90deg. )
90
92
94
-35 ~ +85
deg.C
LC-FSLC-090P-0409A


Similar Part No. - FSLC-090P

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-045P HITACHI-METALS-FSLC-045P Datasheet
23Kb / 1P
   450 MHz Band Chip Multilayer 90deg. / 3dB Splitter
More results

Similar Description - FSLC-090P

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-045P HITACHI-METALS-FSLC-045P Datasheet
23Kb / 1P
   450 MHz Band Chip Multilayer 90deg. / 3dB Splitter
logo
Hitachi Semiconductor
FSLC-C160W HITACHI-FSLC-C160W Datasheet
33Kb / 4P
   1.5-2.0GHz Band Chip Multilayer 90deg.3dB Splitter
logo
Hitachi Metals, Ltd
FSLC-C090U HITACHI-METALS-FSLC-C090U Datasheet
33Kb / 4P
   4532 Size 800-1000MHz Band Chip Multilayer 90deg.3dB Splitter
FSLC-C160W-205 HITACHI-METALS-FSLC-C160W-205 Datasheet
47Kb / 3P
   4532 Size 1.92-2.17GHz Band Chip Multilayer 90deg. Splitter
FSTH-01R-1 HITACHI-METALS-FSTH-01R-1 Datasheet
23Kb / 1P
   800 / 900 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-90S-A HITACHI-METALS-FSTH-90S-A Datasheet
27Kb / 1P
   800 / 900 MHz Band Chip Multilayer Coupler
FSLH-S100C HITACHI-METALS-FSLH-S100C Datasheet
53Kb / 4P
   2012 Size 900/1100 MHz Chip Multilayer Splitter/Combiner
FSLH-S080C HITACHI-METALS-FSLH-S080C Datasheet
41Kb / 4P
   2012 Size 700/900 MHz Chip Multilayer Splitter/Combiner
logo
Soshin electric Co., Lt...
ARP-481300-D1 SOSHIN-ARP-481300-D1 Datasheet
191Kb / 3P
   3dB 90deg hybrid for 2500MHz
ARP-481400-G1 SOSHIN-ARP-481400-G1 Datasheet
262Kb / 3P
   3dB 90deg hybrid for 2150MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com