Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMFLEX-3-4 Datasheet(PDF) 1 Page - Astec America, Inc

Part # HMFLEX-3-4
Description  250-2600 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

HMFLEX-3-4 Datasheet(HTML) 1 Page - Astec America, Inc

  HMFLEX-3-4 Datasheet HTML 1Page - Astec America, Inc HMFLEX-3-4 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 12.01.01
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
170
Special Features
Electrical Specs
• Up to 2600 W Power Output and up to 5200 W with
optional double shelves
• Front access unit.
• Operable in 110VAC or 220VAC systems
• One to four 250W/500W/650W output rectifiers
providing up to 1950W with N+1 redundancy
• Distribution: 8 fuse positions (0 to 10A each)
• Power factor correction
• Current sharing
• Standard Low Voltage Disconnect (LVD) with LVD
bypass and LVD test.
• Hot plug-in rectifier modules
• Soft switching technology
• Brackets for 1.5 or 4.75 inch depth installation
• Full complement of LED and output alarms
• Connection for battery string
• Compact dimensions
Power shelf: 19"W x 4.94"H x 13.2"D
Battery tray: 17.3"W x 7"H x 14.46"D
• CE Marking
250-2600 Watts
HELIOS
Mini FLEX
2
26
60
00
0W
W 4
48
8 V
VD
DC
C C
Co
om
mp
pa
acctt FFlleexxiib
bllee PPo
ow
weerr SSo
ollu
uttiio
on
n
Environmental
EMC/EMI: FCC Class B, CISPR Class B for digital devices,
Telcordia GR-1089-CORE, Class B, EN 300 386-2
Temperature: -40° to +65°C (+50°C for high altitude)
Humidity: 0 to 95% RF (non-condensing)
Acoustic noise: < 60dB for full system
Cooling: forced air, horizontal (side to side)
Shock and vibration: meets Telcordia GR-63- CORE
Fire resistance: UL 94VO, TR-NWT-000154, Sec 7.2
Voltage surge protection: meets Telcordia GR-1089
section 4.5.9
Input
AC input voltage range
110/220VAC (86-264 VAC for 250 W,
176-264 VAC for 500 W,186-264 VAC
for 650W rectifiers)
Frequency
45 – 65 Hz
Efficiency
> 86% at full load
Power factor
0.99 (50 – 100% output load)
Total harmonic distortion
< 6.5% at loads over 50% of rated
current
Output
DC output voltage range
-54.5 VDC ± 0.27 VDC (Factory
preset)
Output Current
18.35A (1000W), 36.70A (2000W),
47.71 A (2600W) @ -54.5 VDC
Maximum output power
1120 W, 2240 W, 2730 W @ power
limit. Different preset voltages avail.
Voltage regulation
± 0.5% load/line and ± 1.0%
load/line°C
Dynamic response
± 5% for 10% to 90% or 90% to 10%
load step changes
Capacitor precharge
automatic upon insertion
Voice frequency noise
<55dB rnc @ 10% load
High frequency noise
<250 mV p-p
Battery Tray - A0802970
(for 1000 W application only)
Protection
disconnect device
Built in 30 A circuit breaker
Batteries
Designed to accommodate 30 A/h
M12V30 Marathon VRLA batteries
Safety
Rectifier:
UL1950
Power Shelf:
UL1801, CSA 22.2#950, IEC-950, VDE


Similar Part No. - HMFLEX-3-4

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMF EATON-HMF Datasheet
742Kb / 1P
   1/4" x various length and SFE in-line fuse holder
HMF EATON-HMF Datasheet
271Kb / 1P
   Automotive fast-acting glass fuse
logo
Harris Corporation
HMF-06020 HARRIS-HMF-06020 Datasheet
90Kb / 3P
   Power Optimized GaAs FET 2-14 GHz
HMF06020 HARRIS-HMF06020 Datasheet
90Kb / 3P
   Power Optimized GaAs FET 2-14 GHz
logo
Hanbit Electronics Co.,...
HMF16M8F8VS HANBIT-HMF16M8F8VS Datasheet
158Kb / 11P
   FLASH-ROM MODULE 16MByte (16M x 8-Bit) , SMM 80Pin
More results

Similar Description - HMFLEX-3-4

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
AIH50Y300 ASTEC-AIH50Y300 Datasheet
115Kb / 2P
   250 Watts
logo
Anaren Microwave
250-XXXRM-S ANAREN-250-XXXRM-S Datasheet
180Kb / 2P
   250 Watts
logo
Artesyn Technologies
LPS255-CEF ARTESYN-LPS255-CEF Datasheet
492Kb / 3P
   250 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
   Total Power: 250 Watts
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
   Total Power: 250 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com