Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC-FSLC-S090T-A-0409A Datasheet(PDF) 4 Page - Hitachi Metals, Ltd

Part # LC-FSLC-S090T-A-0409A
Description  2012 Size 800/850 MHz Chip Multilayer Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

LC-FSLC-S090T-A-0409A Datasheet(HTML) 4 Page - Hitachi Metals, Ltd

  LC-FSLC-S090T-A-0409A Datasheet HTML 1Page - Hitachi Metals, Ltd LC-FSLC-S090T-A-0409A Datasheet HTML 2Page - Hitachi Metals, Ltd LC-FSLC-S090T-A-0409A Datasheet HTML 3Page - Hitachi Metals, Ltd LC-FSLC-S090T-A-0409A Datasheet HTML 4Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
I n
l og MAG
5 d B/ REF 0 d B
l og MAG
REF 0 d B
. 1 dB/
STOP 1. 5 GHz
START 0 . 5GHz
l og MAG
REF 0 dB
5 dB/
l og MAG
REF - 10d B
1 dB/
9
11
13
Coupl i ng Por t
I sol at i on Por t
Out
STOP 1. 5 GHz
START 0 . 5GHz
10
12
8
ST OP 1 . 5GHz
START 0. 5GHz
1 : - 26. 7
dB
1 : - . 4813
dB
8 00
MHz
2 : - 26. 101 dB
850
MHz
2
1
1
2
800
MHz
2 : - . 5247
dB
850
MHz
0
0. 2
0. 4
0. 1
0. 3
0. 5
10
0
20
30
40
0. 6
0. 7
0. 8
0. 9
1. 0
1 : - 11. 059 dB
7
1
2
800
MHz
2 : - 10. 543 dB
850
MHz
1 : - 23. 937 dB
800
MHz
2 : - 23. 52
dB
850
MHz
2
1
10
20
30
40
0
FSLC-S090T-A Sample Data
LC-FSLC-S090T-A-0409A
800/850 MHz Band
Chip Multilayer Coupler FSLC-S090T-A


Similar Part No. - LC-FSLC-S090T-A-0409A

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
LC-FSLC-S090T-G-0409A HITACHI-METALS-LC-FSLC-S090T-G-0409A Datasheet
55Kb / 4P
   2012 Size 869/915 MHz Chip Multilayer Coupler
LC-FSLC-S090T-P-0409A HITACHI-METALS-LC-FSLC-S090T-P-0409A Datasheet
55Kb / 4P
   2012 Size 925/960 MHz Chip Multilayer Coupler
More results

Similar Description - LC-FSLC-S090T-A-0409A

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-S090S-A HITACHI-METALS-FSLC-S090S-A Datasheet
43Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090M-A1 HITACHI-METALS-FSLC-S090M-A1 Datasheet
42Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S170E HITACHI-METALS-FSLC-S170E Datasheet
85Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLC-S170N HITACHI-METALS-FSLC-S170N Datasheet
44Kb / 3P
   2012 Size Chip Multilayer Coupler
logo
Hirose Electric
FSLH-S090C HIROSE-FSLH-S090C Datasheet
41Kb / 4P
   2012 Size 850/950 MHz Chip Multilayer Splitter/Combiner
logo
Hitachi Metals, Ltd
FSLC-S090M-G1 HITACHI-METALS-FSLC-S090M-G1 Datasheet
55Kb / 4P
   2012 Size 869/915 MHz Chip Multilayer Coupler
FSLC-S090T-P HITACHI-METALS-FSLC-S090T-P Datasheet
55Kb / 4P
   2012 Size 925/960 MHz Chip Multilayer Coupler
FSLC-S190N HITACHI-METALS-FSLC-S190N Datasheet
42Kb / 4P
   2012 Size 1850/1910 MHz Chip Multilayer Coupler
FSLC-S090S-G HITACHI-METALS-FSLC-S090S-G Datasheet
55Kb / 4P
   2012 Size 869/915 MHz Chip Multilayer Coupler
FSLC-S190E HITACHI-METALS-FSLC-S190E Datasheet
42Kb / 4P
   2012 Size 1850/1910 MHz Chip Multilayer Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com