Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS54-M Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPS54-M
Description  60 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS54-M Datasheet(HTML) 2 Page - Astec America, Inc

  LPS54-M Datasheet HTML 1Page - Astec America, Inc LPS54-M Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44(1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
75
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Output
Minimum
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load
Convection Cooling
Load1
P/P (PARD)3
LPS52-M
5V
0 A
11 A
12 A
±2%
50 mV
LPS53-M
12V
0 A
5 A
5.4 A
±2%
120 mV
LPS54-M
15V
0 A
4 A
4.4 A
±2%
150 mV
LPS55-M
24V
0 A
2.5 A
2.75 A
±2%
240 mV
LPS58-M
48V
0 A
1.25 A
1.35 A
±2%
480 mV
1. Peak current lasting <15 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF (tantalum capacitor) in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
Connector LPS52-M
LPS53-M
LPS54-M
LPS55-M
LPS58-M
SK1-1
Line
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
Neutral
SK2-1
+5 V
+12 V
+15V
+24V
+48
SK2-2
+5 V
+12 V
+15V
+24V
+48
SK2-3
Common
Common
Common
Common
Common
SK2-4
Common
Common
Common
Common
Common
SK2-5
-Sense
-Sense
-Sense
-Sense
-Sense
SK2-6+Sense
+Sense
+Sense
+Sense
+Sense
Mating Connectors
AC Input:
Molex 09-50-8031 (USA)
09-91-0300 (UK)
PINS: 08-58-0111
DC Outputs:
Molex 09-50-8061 (USA)
09-91-0600 (UK)
PINS: 08-58-0111
Astec Connector Kit #70-841-006, includes all of the above
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02" (±0.5mm)
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115 VAC
input, 25°C unless otherwise stated.
6. Warranty: 1 year
7. Weight: .41lbs/.18kg
Pin Assignments
3.75"
[95.3]
4.00"
[101.6]
0.16"
[4.0]
R2
2
SK1
TH1
C1
F2
L1
F1
C5
L3
DB1
C32
C24
C30
C17
C9
C18
Q6
T1
D4
R1
LED1
D2
T2
C22
SK2
C27
R3A
R3
Q5
L2
VR1
T3.15A 2.5A
250VAC
2005
+
GRN/
YEL
~
~
B
A
HTSK_SEC
C4
1
TP1
J
I
J3
F
H
J2
E
G
J1
D
TP2
J4
Mounting Hole
Ø0.16"[4.0] 4 Places
GND
3
1
M1
6
1
M2
VR1
(Output Voltage
Adjustment Pot)


Similar Part No. - LPS54-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS54-M EMERSON-NETWORKPOWER-LPS54-M Datasheet
515Kb / 3P
   Medical Safety Approvals
logo
Artesyn Technologies
LPS54-M ARTESYN-LPS54-M Datasheet
849Kb / 3P
   Total Power: 55 - 60 Watts
More results

Similar Description - LPS54-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
   60 Watts
logo
Astec America, Inc
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
   60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
   60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
   60 Watts
logo
Astec America, Inc
APC18 ASTEC-APC18 Datasheet
749Kb / 2P
   60 Watts
LPS50 ASTEC-LPS50 Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TPR ANAREN-60-50TPR Datasheet
227Kb / 2P
   60 Watts
60-50TP-S ANAREN-60-50TP-S Datasheet
284Kb / 2P
   60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com