Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPT81 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPT81
Description  80 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPT81 Datasheet(HTML) 1 Page - Astec America, Inc

  LPT81 Datasheet HTML 1Page - Astec America, Inc LPT81 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 5.3.04
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
1
Special Features
Electrical Specs
80 Watts
LPT80 Series
• Power Factor Correction
• EN61000-3-2 compliant
• Universal input
• 3” x 5” footprint
• Remote sense on outputs 1 (& 2 for LPT81)
• Power fail and remote inhibit
• Wide range adjustable on outputs 1 (& 2 for LPT81)
• Built-in Class B EMI filter
• Overvoltage protection
• Overload protection
Operating temperature: 0° to 50°C ambient;
derate each output at 2.5% per degree from 50° to
70°C
Electromagnetic susceptibility: designed to meet
EN61000-4, -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
0.75 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient condition
Input
Input range
85-264 VAC
120-300 VDC
Frequency
47-440 Hz
Inrush current
<18 A peak @ 115 VAC;
<36 A peak @ 230 VAC,
cold start @ 25°C
Input current
1.5 A max. (RMS) @ 115 VAC
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<1 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
60 W for convection( LPT81, 55 W);
85 W with 30 CFM forced air
Adjustment range
3.3V - 5.5V on outputs one
(and two 1.8 V - 3.5 V for LPT81)
Hold-up time
20 ms @ 85 W load, 115 VAC
nominal line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 145%
above peak rating
Overvoltage protection
Tracks outputs 1( & 2 for LPT81): 20%
to 35% above output setting
Logic Control
Power Failure
TTL Logic signal goes high 100-500
msec after main output; it goes low at
least 4 ms before loss of regulation
Remote inhibit
Requires a contact closure to inhibit
the outputs
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense
connected. Reverse connection
protected.
VDE
60950
UL
60950
CSA
60950
NEMKO 60950
AUSTEL 60950
CB
Certificate & report
CE
Mark LVD
Environmental
Safety
Total Power:
55-85 Watts
Input Voltage: 85-264 VAC
120-370 VDC
# of Outputs:
Triple


Similar Part No. - LPT81

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT81 EMERSON-NETWORKPOWER-LPT81 Datasheet
281Kb / 3P
   Power Factor Correction
More results

Similar Description - LPT81

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS102-M ARTESYN-LPS102-M Datasheet
678Kb / 3P
   Total Power: 80 - 150 Watts
LPS61 ARTESYN-LPS61 Datasheet
585Kb / 3P
   Total Power: 60 - 80 Watts
LPT61 ARTESYN-LPT61 Datasheet
745Kb / 3P
   Total Power: 60 - 80 Watts
LPT62-M ARTESYN-LPT62-M Datasheet
839Kb / 3P
   Total Power: 60 - 80 Watts
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
   Total Power: 80 - 130 Watts
logo
Integrated Power Design...
GRN-80S IPDPOWER-GRN-80S Datasheet
374Kb / 2P
   80 WATTS SINGLE OUTPUT AC-DC
GRN-80M IPDPOWER-GRN-80M Datasheet
399Kb / 2P
   80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
logo
Powerbox
PM80 POWERBOX-PM80 Datasheet
514Kb / 1P
   60 - 80 WATTS DC/DC SINGLE - DUAL
logo
Integrated Power Design...
DC1-80 IPDPOWER-DC1-80 Datasheet
418Kb / 2P
   80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
logo
Wall Industries,Inc.
DTSPU68 WALL-DTSPU68 Datasheet
161Kb / 2P
   Single Output 60 Watts (80 Watts Peak) AC/DC Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com