Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4-2E-1D-LLL-00 Datasheet(PDF) 2 Page - Astec America, Inc

Part # MP4-2E-1D-LLL-00
Description  400-1200 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

MP4-2E-1D-LLL-00 Datasheet(HTML) 2 Page - Astec America, Inc

  MP4-2E-1D-LLL-00 Datasheet HTML 1Page - Astec America, Inc MP4-2E-1D-LLL-00 Datasheet HTML 2Page - Astec America, Inc MP4-2E-1D-LLL-00 Datasheet HTML 3Page - Astec America, Inc MP4-2E-1D-LLL-00 Datasheet HTML 4Page - Astec America, Inc MP4-2E-1D-LLL-00 Datasheet HTML 5Page - Astec America, Inc MP4-2E-1D-LLL-00 Datasheet HTML 6Page - Astec America, Inc MP4-2E-1D-LLL-00 Datasheet HTML 7Page - Astec America, Inc MP4-2E-1D-LLL-00 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
137
www.astecpower.com
Electrical Specs
Input
Input voltage
85-264 VAC
120-350 VDC
Frequency
47-440 Hz
Inrush current
40 A peak max. (soft start)
Efficiency
70-80% typ. @ full case load
Power factor
0.99 typ. meets EN61000-3-2
Turn-on time
AC on 1.5 sec typ.,
Inhibit / Enable 150 ms typ.
EMI filter standard
CISPR 22
EN55022 Level “B”
EMI filter
(low leakage option)
CISPR 22
EN55022 Level “A”
Leakage current standard
2.0 mA max. @ 240 VAC
Leakage current
(low leakage option).
300 μA max. @ 240 VAC
Radiated EMI
CISPR 22
EN55022 Level “B”
Holdover storage
20 ms minimum
(independent of input VAC)
AC OK
>5 ms early warning min.
before outputs loose regulation
Full cycle ride thru (50 Hz)
Harmonic distortion
Meets EN61000-3-2
Isolation
Meets EN60950
Global Inhibit/Enable
TTL, Logic “1” and Logic “0”
Input fuse (internal)
MP4: 10 A
MP6: 15 A
MP8: 20 A
MP1: 20 A
Warranty
2 years
Output
Adjustment range
±10% min. all outputs
Margining
±4-6% nom.
1
Overall reg
0.4% or 20 mV max.
(36 W modules 4% max.)
Ripple
RMS: 0.1% or 10 mV, whichever is greater
Pk-Pk: 1.0% or 50 mV, whichever is greater
Bandwidth limited to 20 MHz
Dynamic response
<2% or 100 mV, with 25% load step.
Recovery time
To within 1% in <300 μsec.
Overcurrent protection
Single, main of dual output module
105-120% of rated output current.
Aux output of dual output module 105-140%
of rated output current.
Triple output module internally protected
Short circuit protection
Protected for continuous short circuit
Recovery is automatic upon removal of short.
Overvoltage protection
(measured at sense
connection)
Single output modules
2-5.5 V 122-134%
6-60 V 110-120%
Dual output module
2-6 V 122-134%
8-28 V 110-120%
Triple output module.
No overvoltage protection provided. Recycle
the AC input voltage to reset OVP circuit
Reverse voltage protection
100% of rated output current
Thermal protection
All outputs disabled when internal temp
exceeds safe operating range. >5 ms warning
(AC OK signal) before shutdown
Remote sense
Up to 0.5 V total drop (not available on triple
output module)
Single wire parallel
Current share to within 2% of total rated current
2
DC OK
-2% to -8% of nominal for any monitored output
2
Minimum load
Not required on single or triple output modules.
10% required on main of dual output modules
3
Housekeeping bias voltage
5 VDC @1.0A mA max. present whenever AC
input is applied
Module inhibit
TTL, isolated, singles and dual
(both outputs) only
Switching frequency
250 kHz
Output/Output isolation
>1 Megohm
VME signal option board
POR signal & quad external DC OK
Hold-up module (HUP)
1-slot module providing an additional
34mSec (60mSec total)
hold-up @ 600W loading.
Power Derating Curve
%
Rated
Total
Case
Load
Normal
Air Flow
30
20
40
60
80
100
35
40
45
50
55
60
65
70
TA – Ambient Temperature – °C
50
50
Notes:
1. Single output modules only.
2. Single and main of dual output modules only.
3. Contact factory for optional preload if required.


Similar Part No. - MP4-2E-1D-LLL-00

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4-2E-1D-LLL-00 EMERSON-NETWORKPOWER-MP4-2E-1D-LLL-00 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
More results

Similar Description - MP4-2E-1D-LLL-00

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BML231002 ASTEC-BML231002 Datasheet
459Kb / 2P
   680-1200 Watts
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
360Kb / 5P
   3501200 Watts
logo
Microsemi Corporation
1214GN-400LV MICROSEMI-1214GN-400LV Datasheet
102Kb / 5P
   400 Watts - 50 Volts, 4.5ms, 30% Broad Band 1200 - 1400 MHz
0.2/ April 9, 2014
logo
Nihon Inter Electronics...
PDMB400B12 NIEC-PDMB400B12_1 Datasheet
195Kb / 3P
   400 A 1200 V
logo
XP Power Limited
CCH400PS12 XPPOWER-CCH400PS12 Datasheet
580Kb / 2P
   400/600 Watts
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
632Kb / 4P
   650-1200 Watts MHP Series
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
logo
Powerex Power Semicondu...
CM400HA-24H POWEREX-CM400HA-24H Datasheet
57Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
CM400HU-24H POWEREX-CM400HU-24H Datasheet
56Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com