Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTQ160 Datasheet(PDF) 1 Page - Astec America, Inc

Part # NTQ160
Description  50-165 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

NTQ160 Datasheet(HTML) 1 Page - Astec America, Inc

  NTQ160 Datasheet HTML 1Page - Astec America, Inc NTQ160 Datasheet HTML 2Page - Astec America, Inc NTQ160 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev 04.29.04
Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
116
Special Features
Electrical Specs
50-165 Watts
NTQ160 Series
Input
Input range
85-264 VAC
Frequency
47-63 Hz
Inrush current
38 A max., cold start @ 25°C
Efficiency
65% typical at full load @ 115 VAC
input
EMI filter
FCC Class B conducted and radiated,
CISPR 22 Class B conducted and
radiated, EN55022 Class B conducted
and radiated, VDE 0878 PT3 Class B
conducted and radiated.
Power factor
0.99 typical
Safety ground leakage
current
<1 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
50W convection, 165 W with 30 CFM
forced air
Adjustment range
1.8V - 3.5V; 3.0V - 5.5V on outputs
one and two
Hold-up time
20 ms @ 165 W load
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110-145%
above peak rating. Latching type
recycle AC to reset.
Overvoltage protection
Tracks outputs 1 & 2: 20% to 35%
above output setting
Standby output
5V@ 2 A regulated ±5%
Logic Control
Power failure
TTL logic signal goes high 100-500
msec after V1 output; it goes low at
least 4 msec before loss of regulation
Remote Inhibit
Requires contact closure to inhibit
outputs
Remote sense
Compensates for 0.5 V lead drop
minimum, will operate without
remote sense connected. Reverse
connection protection.
DC O
TTL logic signal goes high after main
output is in regulation. It goes low
when there is a loss of regulation.
• Active power factor correction
• EN61000-3-2 compliance
• Remote sense on outputs
one and two
• Power fail and remote inhibit
• 5V Standby output
• DC Power good
• Single wire current sharing on
outputs one and two
• Wide range adjustable on outputs 1 & 2
• Built-in Class B EMI filter
• Overvoltage protection
• Overload protection
• Thermal overload protection
• Outputs 3 & 4 are floating
Operating temperature: 0° to 50°C ambient; derate
each output at 2.5% per degree from
50° to 70°C
Electromagnetic susceptibility: Designed to meet
EN61000-4, -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity: Operating; non-condensing
10% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances 0.7
G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ± .04% per °C
MTBF demonstrated: >1 million hours at full load and
25°C ambient conditions
VDE
0805/EN60950 (IEC950)
21310-3336-0021
(129066)
UL
UL1950
E186249
CSA
CSA 22.2-234 Level 3
LR109492C
NEMKO
EN 60950/EMKO-TUE
P00100493
(74-sec) 203
BABT
EN60950/EN41003
650251, NC/00069
CB
Certificate and report
9661, 9662, 8788
CE
Mark (LVD)
Environmental
Total Power:
50-165 Watts
Input Voltage: 85-264 VAC
# of Outputs:
Quad
Safety


Similar Part No. - NTQ160

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NTQ160 EMERSON-NETWORKPOWER-NTQ160 Datasheet
149Kb / 3P
   Active power factor correction
More results

Similar Description - NTQ160

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
   50 Watts
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
   50 Watts
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
   50 Watts
logo
Artesyn Technologies
AEE10F18-L ARTESYN-AEE10F18-L Datasheet
717Kb / 3P
   POWER 50 Watts
logo
Wall Industries,Inc.
LVSERIES WALL-LVSERIES Datasheet
266Kb / 4P
   50-200 Watts
logo
XP Power Limited
DLA XPPOWER-DLA Datasheet
290Kb / 4P
   50-150 Watts
logo
Astec America, Inc
AV60C-048L-033F10 ASTEC-AV60C-048L-033F10 Datasheet
301Kb / 2P
   50-150 Watts
AEH10-30 ASTEC-AEH10-30 Datasheet
462Kb / 2P
   50-150 Watts
logo
Artesyn Technologies
AVO50-48S1V2-4 ARTESYN-AVO50-48S1V2-4 Datasheet
1,003Kb / 3P
   POWER 50 Watts
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com