Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4-1E-4LD-LLE-00 Datasheet(PDF) 5 Page - Astec America, Inc

Part # MP4-1E-4LD-LLE-00
Description  400-1200 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

MP4-1E-4LD-LLE-00 Datasheet(HTML) 5 Page - Astec America, Inc

  MP4-1E-4LD-LLE-00 Datasheet HTML 1Page - Astec America, Inc MP4-1E-4LD-LLE-00 Datasheet HTML 2Page - Astec America, Inc MP4-1E-4LD-LLE-00 Datasheet HTML 3Page - Astec America, Inc MP4-1E-4LD-LLE-00 Datasheet HTML 4Page - Astec America, Inc MP4-1E-4LD-LLE-00 Datasheet HTML 5Page - Astec America, Inc MP4-1E-4LD-LLE-00 Datasheet HTML 6Page - Astec America, Inc MP4-1E-4LD-LLE-00 Datasheet HTML 7Page - Astec America, Inc MP4-1E-4LD-LLE-00 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
140
Drawings
DC-DC Converter Output Modules
Control Signal Information, J1 Control Connector
Pin No.
Function
1
+ Remote Sense
single or dual o/p main
2
Remote Margin / V. Program
single o/p
3
Margin High
single o/p
4
- Remote Sense / Margin Low
single or dual o/p main
5
Spare
6
Module, Isolated Inhibit
single or dual o/p
7
Module Inhibit return
single or dual o/p
8
Current Share (SWP)
single or dual o/p main
9
+ Remote Sense V2
dual o/p, single is spare
10
- Remote Sense V2
dual o/p, single is spare
V2 ADJ
V1 ADJ
PIN 1
V3 ADJ
DC OUTPUT CONNECTION
.48
(12.1)
V1
+
V1
-
V2
+
V2
-
V3
+
V3
-
PIN 1
V+
M4X8 SCREWS (4X)
V-
V ADJ
.32 (8.1)
.33 (8.5)
.63 (16.0)
M4X8 SCREWS (4X)
V-
PIN 1
V ADJ
V+
.32
(8.1)
.63
(16.0)
.59
(15.0)
PIN 1
.32
(8.1)
.44 (11.2 )
(2X)
V+
M4X8 SCREWS (2X)
V-
V ADJ
.48 (12.1)
.44 (11.3)
1.38
(35.1)
PIN 1
V2 ADJ
.32
(8.1)
.42 (10.7)
V1 +
V1 -
V2 -
V2 +
M3X8 SCREWS (4X)
.46 (11.7)
(4X)
.30 (7.5)(3X)
V1 ADJ
1.17 (29.7)
Single 210 Watt
Dual 144 Watt
Triple 36 Watt
Single 360 Watt
Single 600 Watt
MP MODULES


Similar Part No. - MP4-1E-4LD-LLE-00

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP4-1E-4LD-LLE-00 EMERSON-NETWORKPOWER-MP4-1E-4LD-LLE-00 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
More results

Similar Description - MP4-1E-4LD-LLE-00

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BML231002 ASTEC-BML231002 Datasheet
459Kb / 2P
   680-1200 Watts
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
360Kb / 5P
   3501200 Watts
logo
Microsemi Corporation
1214GN-400LV MICROSEMI-1214GN-400LV Datasheet
102Kb / 5P
   400 Watts - 50 Volts, 4.5ms, 30% Broad Band 1200 - 1400 MHz
0.2/ April 9, 2014
logo
Nihon Inter Electronics...
PDMB400B12 NIEC-PDMB400B12_1 Datasheet
195Kb / 3P
   400 A 1200 V
logo
XP Power Limited
CCH400PS12 XPPOWER-CCH400PS12 Datasheet
580Kb / 2P
   400/600 Watts
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
632Kb / 4P
   650-1200 Watts MHP Series
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
654Kb / 5P
   350-1200 Watts SHP Series
logo
Powerex Power Semicondu...
CM400HA-24H POWEREX-CM400HA-24H Datasheet
57Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
CM400HU-24H POWEREX-CM400HU-24H Datasheet
56Kb / 4P
   Single IGBTMOD 400 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com