Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS1-A2-H445-00 Datasheet(PDF) 3 Page - Astec America, Inc

Part # VS1-A2-H445-00
Description  1000 - 2500 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

VS1-A2-H445-00 Datasheet(HTML) 3 Page - Astec America, Inc

  VS1-A2-H445-00 Datasheet HTML 1Page - Astec America, Inc VS1-A2-H445-00 Datasheet HTML 2Page - Astec America, Inc VS1-A2-H445-00 Datasheet HTML 3Page - Astec America, Inc VS1-A2-H445-00 Datasheet HTML 4Page - Astec America, Inc VS1-A2-H445-00 Datasheet HTML 5Page - Astec America, Inc VS1-A2-H445-00 Datasheet HTML 6Page - Astec America, Inc VS1-A2-H445-00 Datasheet HTML 7Page - Astec America, Inc VS1-A2-H445-00 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
3
Common Examples
and Specifications
N
J1
VS1 and VS6
available slots
VS4 and VS9
available slots
Case size
1 = 5 inch, 2 slot, 1500 W max 1Ø
3 = 8 inch, 4 slot, 2000 W max 1Ø
4 = 11 inch,6 slot, 2000 W max 1Ø
6 = 5 inch, 2 slot, 1500 W max 3Ø
8 = 8 inch, 4 slot, 2500 W max 3Ø
9 = 11 inch,6 slot, 2500 W max 3Ø
Option Codes
0 = no options
1 = rear air exhaust (40°C max.)
3 = set unit for global enable
5 = options 1 & 3
VS 1 - K 2 -G 33-00 - CE
Slot 2
2: 12V @ 21A
3: 12V @ 20A
Slot 1
1: 5V @ 150A
5 inch case
(2 slots available)
No paralleling
No options
Example
(more on next page):
Output Module Code
A = 300 W
single 1 slot
B = 600 W
single 1 slot
C = 900 W
single 2 slots
D = 1200 W single 2 slots
E = 250 W
dual
1 slot
F = 250 W
triple 1 slot
G = 500 W
dual
1 slot
H = 500 W
triple 1 slot
K = 750 W
single 1 slot
L = 1500 W single 2 slot
Parallel Codes
0 = no parallel
1 = 1 & 2
2 = 2 & 3
3 = 3 & 4
4 = 1 & 2 & 3
5 = 2 & 3 & 4
6 = 1 & 2 + 3 & 4
7 = 1 & 2 & 3 & 4
8 = 3 & 4 + 5 & 6
9 = 1 & 2 + 3 & 4 + 5 & 6
Voltage
Module Identification
Identification
Output
Output
E
F
G
H
Voltage
Voltage
250 W Dual
250 W Triple
500 W Dual
500 W Triple
Code
Aux. Output
Aux. Output
Aux. Output
Aux. Output
0
2 V
10 A
5 A
20 A
10 A
1
3.3 V
10 A
5 A
20 A
10 A
2
5 V
10 A
5 A
20 A
10 A
3
12 V
10 A
5 A
20 A
10 A
4
15 V
10 A
5 A
20 A
10 A
5
24 V
5 A
2.5 A
10 A
5 A
6
28 V
5 A
2.5 A
10 A
5 A
Auxiliary Output Table: Output(s) 2 and/or 3 of Module
Note: Increments of current not shown can be achieved by paralleling modules (add currents of each module selected).
Output Voltage
Module Identification
Identification
Output
Output
A (1 slot)
B (1 slot)
C (2 slots)
D (2 slots)
E, F (1 slot)
G, H (1 slot)
K (1 slot)
L (2 slots)
Voltage
Voltage
300 W
600 W
900 W
1200 W
250 W Multi
500 W Multi
750 W
1500 W
Code
Single
Single
Single
Single
Main Output
Main Output
Single
Single
0
2 V
60 A
120 A
180 A
240 A
25 A
50 A
150 A
300 A
1
3.3 V
60 A
120 A
180 A
240 A
25 A
50 A
150 A
300 A
2
5 V
60 A
120 A
180 A
240 A
25 A
50 A
150 A
300 A
3
12 V
25 A
50 A
75 A
100 A
10.5 A
21 A
62.5 A
125 A
4
15 V
20 A
40 A
60 A
80 A
8.3 A
16.6 A
50 A
100 A
5
24 V
12.5 A
25 A
37.5 A
50 A
5.3 A
10.5 A
31.2 A
62.4 A
6
28 V
10.7 A
21.4 A
32.1 A
42.8 A
4.5 A
9 A
26.7 A
53.4 A
7
36 V
8.3 A
16.6 A
24.9 A
33.2 A
N/A
N/A
20.8 A
41.6 A
9
48 V
6.3 A
12.5 A
18.75 A
25 A
N/A
N/A
15.6 A
31.2 A
USE ONLY-FOR
MODIFIED STANDARD,
CONSULT-FACTORY
Parallel Code
(Same for Each Slot)
Configuration Rules
1. Omit digits that do not apply.
2. a. Specify modules from lowest number
of outputs to highest.
b. If number of outputs are equal, specify
from highest to lowest power increments.
c. If power increments are equal, specify
from highest to lowest current.
3. All model configurations created using
this selection guide represent standard
products with standard availability and
lead times.
4. If slots are left empty, a blank panel will
be automatically installed.
Indicates CE compliance
Output Current
Output Voltage Code
0 = 2V
1 = 3.3 V
2 = 5 V
3 = 12 V
4 = 15 V
5 = 24 V
6 = 28 V
7 = 36 V
8 = special voltage
(consult factory)
9 = 48 V
VS3 and VS8
available slots
N
J1
J1
69-825-410 Rev C
12.01.04


Similar Part No. - VS1-A2-H445-00

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
VS1-A2-H445-00 EMERSON-NETWORKPOWER-VS1-A2-H445-00 Datasheet
346Kb / 8P
   VS Series
More results

Similar Description - VS1-A2-H445-00

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
Mallory Sonalert Produc...
PS-593SCQ MSPI-PS-593SCQ Datasheet
106Kb / 1P
   Resonant Frequency (Hz) 2500 ± 1000
logo
Powerbox
PBSP-110I POWERBOX-PBSP-110I Datasheet
224Kb / 1P
   110VDC, 2500 WATTS RAILWAY DC/AC INVERTER
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
   2500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Fujitsu Component Limit...
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
logo
Teledyne Technologies I...
A2CP2596 TELEDYNE-A2CP2596 Datasheet
438Kb / 4P
   20 TO 2500 MHz, 3 WATTS COUGARPAK??AMPLIFIER
logo
Stealth Microwave, Inc.
SM1025-37MQ2 STEALTH_MICROWAVE-SM1025-37MQ2 Datasheet
96Kb / 4P
   1000-2500 MHz 5 Watt Linear Power Amplifier
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Stealth Microwave, Inc.
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com