Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ4082N-H Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ4082N-H
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4082N-H Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ4082N-H Datasheet HTML 1Page - Panasonic Semiconductor MAZ4082N-H Datasheet HTML 2Page - Panasonic Semiconductor MAZ4082N-H Datasheet HTML 3Page - Panasonic Semiconductor MAZ4082N-H Datasheet HTML 4Page - Panasonic Semiconductor MAZ4082N-H Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Zener Diodes
4
MAZ4000N Series
Ptot  Ta
IZ  VZ
IZ  VZ
IF  VF
IZ  VZ
IZ  VZ
SZ  IZ
RZ  IZ
0
0
300
150
200
100
250
50
100
200
300
400
500
600
700
800
Ambient temperature T
a
(
°C)
5 mm
1.6 mm Land diameter φ 3 mm
Copper foil 0.035 mm
0246
14
810
16
12
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
30
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Charac-
teristics
0
102030
70
40
50
80
60
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
30
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Charac-
teristics
MAZ4390N
MAZ4360N
MAZ4330N
MAZ4300N
MAZ4270N
MAZ4240N
MAZ4220N
MAZ4200N
MAZ4180N
MAZ4160N
MAZ4150N
MAZ4130N
MAZ4120N
0.01
0
0.2
0.4
0.6
1.0
0.8
1.2
0.1
1
10
100
30
3
0.3
0.03
Forward voltage V
F
(V)
Ta
= 25°C
0.001
02468
10
12
0.01
0.1
1
0.003
0.03
0.3
3
10
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Charac-
teristics
0.001
0
1020304050
60
0.01
0.1
1
0.003
0.03
0.3
3
10
Zener voltage V
Z (V)
Tj
= 25°C
Dynamic
Charac-
teristics
−5
0
5
10
15
20
25
30
35
0
1020304050
60
Zener current I
Z
(mA)
MAZ4330N
MAZ4240N
MAZ4200N
MAZ4110N
MAZ4068N
MAZ4047N
MAZ4056N
1
10
100
5
50
30
500
300
3
1 000
0.3
1
0.5
3
30
510
50
Zener current I
Z
(mA)
Ta
= 25°C
MAZ4330N
MAZ4240N
MAZ4200N
MAZ4056N
MAZ4110N
MAZ4047N
MAZ4068N


Similar Part No. - MAZ4082N-H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4082N PANASONIC-MAZ4082N Datasheet
92Kb / 6P
   Silicon planar type
MAZ4082N0H PANASONIC-MAZ4082N0H Datasheet
92Kb / 6P
   Silicon planar type
MAZ4082N0L PANASONIC-MAZ4082N0L Datasheet
92Kb / 6P
   Silicon planar type
MAZ4082N0M PANASONIC-MAZ4082N0M Datasheet
92Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ4082N-H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com