Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS1-B2-H445-00 Datasheet(PDF) 8 Page - Astec America, Inc

Part # VS1-B2-H445-00
Description  1000 - 2500 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

VS1-B2-H445-00 Datasheet(HTML) 8 Page - Astec America, Inc

  VS1-B2-H445-00 Datasheet HTML 1Page - Astec America, Inc VS1-B2-H445-00 Datasheet HTML 2Page - Astec America, Inc VS1-B2-H445-00 Datasheet HTML 3Page - Astec America, Inc VS1-B2-H445-00 Datasheet HTML 4Page - Astec America, Inc VS1-B2-H445-00 Datasheet HTML 5Page - Astec America, Inc VS1-B2-H445-00 Datasheet HTML 6Page - Astec America, Inc VS1-B2-H445-00 Datasheet HTML 7Page - Astec America, Inc VS1-B2-H445-00 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
153
www.astec.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Module Front Panels
69-825-410 Rev C
12.01.04


Similar Part No. - VS1-B2-H445-00

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
VS1-B2-H445-00 EMERSON-NETWORKPOWER-VS1-B2-H445-00 Datasheet
346Kb / 8P
   VS Series
More results

Similar Description - VS1-B2-H445-00

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
Mallory Sonalert Produc...
PS-593SCQ MSPI-PS-593SCQ Datasheet
106Kb / 1P
   Resonant Frequency (Hz) 2500 ± 1000
logo
Powerbox
PBSP-110I POWERBOX-PBSP-110I Datasheet
224Kb / 1P
   110VDC, 2500 WATTS RAILWAY DC/AC INVERTER
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
   2500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Fujitsu Component Limit...
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
logo
Teledyne Technologies I...
A2CP2596 TELEDYNE-A2CP2596 Datasheet
438Kb / 4P
   20 TO 2500 MHz, 3 WATTS COUGARPAK??AMPLIFIER
logo
Stealth Microwave, Inc.
SM1025-37MQ2 STEALTH_MICROWAVE-SM1025-37MQ2 Datasheet
96Kb / 4P
   1000-2500 MHz 5 Watt Linear Power Amplifier
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Stealth Microwave, Inc.
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com